Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FH41 Datasheet(PDF) 1 Page - Hirose Electric

Part # FH41
Description  0.5mm Pitch, 2.5mm Height, shielded FFC Connectors for High Speed Transmissions
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FH41 Datasheet(HTML) 1 Page - Hirose Electric

  FH41 Datasheet HTML 1Page - Hirose Electric FH41 Datasheet HTML 2Page - Hirose Electric FH41 Datasheet HTML 3Page - Hirose Electric FH41 Datasheet HTML 4Page - Hirose Electric FH41 Datasheet HTML 5Page - Hirose Electric FH41 Datasheet HTML 6Page - Hirose Electric FH41 Datasheet HTML 7Page - Hirose Electric FH41 Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
0.5mm Pitch, 2.5mm Height, shielded FFC Connectors for High SpeedTransmissions
FH41 Series
2016.5
③
Supports the next generation chip
V-by-One® HS* by THine
Signal connection area
Ground contact connection area
FFC
2.5mm
6.2mm
38mm
(Mounting area)
Dimensions: 68 positions
Signal
contacts
0.5mm
pitch
Ground
contacts
2.5mm
pitch
FH41 and FH48 use
the same FFC layout.
●Uses the same FFC that the FH48 Series (vertical
connection) uses.
■Features
1. Accepts impedance matched shielded FFC
The FH41 Series is equipped with a ground terminal and
can be used with impedance matched shielded FFC.
2. Impedance matched terminal design
The signal terminal is designed for impedance control
and is capable of handling high speed transmissions.
3. Highly reliable and secure structure
The design of the FH41 series follows in the footsteps
of another popular Hirose connector, the FH28 series.
The FFC positioning mechanism and rugged structure
combine to prevent accidental unlocking and produce
a secure connection.
4. Simplified operations with a flip lock system
The flip lock design allows a smoother simpler FFC
operation. It requires less force to rotate the actuator
and delivers a tactile click to reinforce that the lock has
secured the connection.
5. Suitable for automatic pick-n-place mounting
Offered in tape and reel packaging that is compatible
with automatic machine mounting. (2,500 pcs/reel)
6. Halogen free
All materials and substances used to produce this
product comply with Halogen-free standards.
*Standards by IEC 61249-2-21. Br : 900 ppm or lower,
Cl : 900 ppm or lower, Br+Cl : 1,500 ppm or lower
●Shielded FFC
Fig.1
Fig.2
Fig.3
In cases where the application will demand a high level of reliability, such as automotive,
please contact a company representative for further information.


Similar Part No. - FH41

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FH41-19S-03SHW HIROSE-FH41-19S-03SHW Datasheet
1Mb / 10P
0.3 mm Pitch, 0.65 mm above the board, Top Contact, Back-Flip actuator Flexible Printed Circuit ZIF Connectors
FH41-28S-0.5SH HIROSE-FH41-28S-0.5SH Datasheet
1Mb / 9P
0.5mm pitch, 2.5mm above the board,high speed transmission connector for shielded FFC
FH41-28S-0.5SH(05) HIROSE-FH41-28S-0.5SH(05) Datasheet
1Mb / 9P
0.5mm pitch, 2.5mm above the board,high speed transmission connector for shielded FFC
FH41-28S-0.5SH05 HIROSE-FH41-28S-0.5SH05 Datasheet
1Mb / 9P
0.5mm pitch, 2.5mm above the board,high speed transmission connector for shielded FFC
FH41-31S-03SHW HIROSE-FH41-31S-03SHW Datasheet
1Mb / 10P
0.3 mm Pitch, 0.65 mm above the board, Top Contact, Back-Flip actuator Flexible Printed Circuit ZIF Connectors
More results

Similar Description - FH41

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FH12-6S-0.5SH HIROSE-FH12-6S-0.5SH Datasheet
481Kb / 10P
0.5mm and 1mm Pitch Connectors For FPC/FFC
FH41-50S-0.5SH HIROSE-FH41-50S-0.5SH Datasheet
1Mb / 9P
0.5mm pitch, 2.5mm above the board,high speed transmission connector for shielded FFC
FH12-45S-0.5SV55 HIROSE-FH12-45S-0.5SV55 Datasheet
453Kb / 20P
0.5mm and 1mm Pitch Connectors For FPC/FFC
FH12-33-S-0.5SH55 HIROSE-FH12-33-S-0.5SH55 Datasheet
453Kb / 20P
0.5mm and 1mm Pitch Connectors For FPC/FFC
FH41-28S-0.5SH05 HIROSE-FH41-28S-0.5SH05 Datasheet
1Mb / 9P
0.5mm pitch, 2.5mm above the board,high speed transmission connector for shielded FFC
logo
List of Unclassifed Man...
50FY-BMT-TBLFSN ETC2-50FY-BMT-TBLFSN Datasheet
142Kb / 2P
FY CONNECTOR 0.5mm pitch/Connectors for FFC
FH12-20S-05SV55 ETC2-FH12-20S-05SV55 Datasheet
453Kb / 20P
0.5mm and 1mm Pitch Connectors For FPC/FFC
FH12-40S-05SH ETC2-FH12-40S-05SH Datasheet
453Kb / 20P
0.5mm and 1mm Pitch Connectors For FPC/FFC
logo
Hirose Electric
FH12 HIROSE-FH12 Datasheet
445Kb / 19P
0.5mm and 1mm Pitch Connectors For FPC/FFC
logo
JST Mfg. Co., Ltd.
FHN JST-FHN Datasheet
135Kb / 2P
0.5mm pitch/Connectors for FFC and FPC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com