Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9530 Datasheet(PDF) 32 Page - Analog Devices

Part # AD9530
Description  4 CML Output, Low Jitter Clock Generator
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9530 Datasheet(HTML) 32 Page - Analog Devices

Back Button AD9530 Datasheet HTML 28Page - Analog Devices AD9530 Datasheet HTML 29Page - Analog Devices AD9530 Datasheet HTML 30Page - Analog Devices AD9530 Datasheet HTML 31Page - Analog Devices AD9530 Datasheet HTML 32Page - Analog Devices AD9530 Datasheet HTML 33Page - Analog Devices AD9530 Datasheet HTML 34Page - Analog Devices AD9530 Datasheet HTML 35Page - Analog Devices AD9530 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 41 page
background image
AD9530
Data Sheet
Rev. 0 | Page 32 of 41
STATUS (REGISTER 0x002)
Table 25. Bit Descriptions for STATUS (Default: Varies1)
Bits
Bit Name
Settings
Description
Reset
Access
7
PLL_LOCKED
PLL lock detect status readback
Varies
R
0
PLL unlocked
1
PLL locked
6
SIGNAL_PRESENT
Reference signal present
Varies
R
0
Reference input signal not detected
1
Reference input signal detected
5
FEEDBACK_OK
Feedback signal valid from N divider
Varies
R
0
Feedback signal from N divider not detected
1
Feedback signal from N divider detected
4
REFERENCE_OK
Logical AND of reference input signal and feedback signal
Varies
R
0
Either the reference input clock is not detected or the feedback signal is
not detected, or neither are detected
1
Reference input signal and feedback signal both detected
[3:2]
RESERVED
00
When writing to Register 0x002, these bits must be 00b
00b
W
[1:0]
SLEEP
Sleep mode
00b
RW
00
Normal operation (default)
01
Undefined
10
Undefined
11
Sleep mode
1 The default value reads 0xF0 under normal operation if the PLL is locked.
CHIP TYPE (REGISTER 0x003)
Table 26. Bit Descriptions for CHIP_TYPE (Default: 0x05)
Bits
Bit Name
Settings
Description
Reset
Access
[7:4]
RESERVED
Reserved.
0x0
R
[3:0]
CHIP_TYPE,
Bits[3:0]
The Analog Devices unified SPI protocol reserves this read only register
location for identifying the type of device. The default value of 0x05 identifies
the AD9530 as a clock IC.
0x5
R
PRODUCT ID (REGISTER 0x004 AND REGISTER 0x005)
Table 27. Bit Descriptions for PRODUCT_ID[3:0] (Default: 0x3F)
Bits
Bit Name
Settings
Description
Reset
Access
[7:4]
PRODUCT_ID,
Bits[3:0]
The Analog Devices unified SPI protocol reserves this read only register
location as the lower four bits of the clock part serial ID that (along with
Register 0x005) uniquely identifies the AD9530 within the Analog Devices
clock chip family. No other Analog Devices chip that adheres to the Analog
Devices unified SPI has these values for Register 0x003, Register 0x004,
and Register 0x005.
0x3
R
[3:0]
RESERVED
Reserved.
0xF
R
Table 28. Bit Descriptions for PRODUCT_ID[11:4] (Default: 0x01)
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
PRODUCT_ID,
Bits[11:4]
The Analog Devices unified SPI protocol reserves this read only register
location as the upper eight bits of the clock part serial ID that (along with
Register 0x004) uniquely identifies the AD9530 within the Analog Devices
clock chip family. No other Analog Devices chip that adheres to the Analog
Devices unified SPI has these values for Register 0x003, Register 0x004,
and Register 0x005.
0x01
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com