Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9530 Datasheet(PDF) 13 Page - Analog Devices

Part # AD9530
Description  4 CML Output, Low Jitter Clock Generator
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9530 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9530 Datasheet HTML 9Page - Analog Devices AD9530 Datasheet HTML 10Page - Analog Devices AD9530 Datasheet HTML 11Page - Analog Devices AD9530 Datasheet HTML 12Page - Analog Devices AD9530 Datasheet HTML 13Page - Analog Devices AD9530 Datasheet HTML 14Page - Analog Devices AD9530 Datasheet HTML 15Page - Analog Devices AD9530 Datasheet HTML 16Page - Analog Devices AD9530 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 41 page
background image
Data Sheet
AD9530
Rev. 0 | Page 13 of 41
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
2
3
DNC
VDD
OUT2
4
OUT2
5
GND
6
VDD
7
OUT1
TOP VIEW
(Not to Scale)
AD9530
25
VDD
26
REF_SEL
27
GND
28
REFB
29
REFB
30
VDD
31
GND
32
REFA
33
REFA
34
VDD
35
DNC
36
LF_1
8
OUT1
9
GND
10
GND
11
BP_CAP_3
12
BP_CAP_2
NOTES
1. DNC = DO NOT CONNECT. DO NOT CONNECT TO THESE PINS.
2. THE EXPOSED PAD IS A GROUND CONNECTION ON THE CHIP THAT
MUST BE SOLDERED TO THE ANALOG GROUND OF THE PCB TO
ENSURE PROPER FUNCTIONALITY AND HEAT DISSIPATION, NOISE,
AND MECHANICAL STRENGTH BENEFITS.
Figure 2. Pin Configuration
Table 16. Pin Function Descriptions
Pin No.
Mnemonic
Type1
Description
1
LF_1
O
Loop Filter Connection, Negative Output Side of the Active Loop Filter Op Amp. Connect the PLL active
loop filter components (R1, C1, and C2) to this pin and LF_2 (Pin 48).
2, 19,
36, 37,
46
DNC
N/A
Do Not Connect. Do not connect to this pin.
3
VDD
P
Power Supply for REFA.
4
REFA
I
Reference Clock Input A. This pin, along with REFA, is the first differential reference input for the PLL.
5
REFA
I
Complimentary Reference Clock Input A. This pin, along with REFA, is the first differential reference
input for the PLL.
6
GND
GND
Ground for the REFA Power Supply. Connect this pin to ground.
7
VDD
P
Power Supply for REFB.
8
REFB
I
Reference Clock Input B. This pin, along with REFB, is the second differential reference input for the PLL.
9
REFB
I
Complimentary Reference Clock Input B. This pin, along with REFB, is the second differential reference
input for the PLL.
10
GND
GND
Ground for the REFB Power Supply. Connect this pin to ground.
11
REF_SEL
I
Reference Input Select. This pin is the digital input to select REFA or REFB as the active reference to the
PLL. This pin has an internal 75 kΩ pull-up resistor. Logic high (default) selects REFA. Logic low selects REFB.
12
VDD
P
Power Supply for the Serial Port Interface (SPI) and the PFD.
13
RESET
I
Chip Reset, Active Low. This pin has an internal 75 kΩ pull-up resistor.
14
SDO
O
Serial Control Port Unidirectional Serial Data Output. This pin is high impedance during 3-wire SPI mode.
15
SDIO
I/O
Serial Control Port Bidirectional Serial Data Input/Output.
16
SCLK
I
Serial Control Port Clock Signal. This pin has an internal 75 kΩ pull-down resistor.
17
CS
I
Serial Control Port Chip Select, Active Low. This pin has an internal 75 kΩ pull-up resistor.
18
LD
O
PLL Lock Detect Output.
20 to
23
VDD
P
2.5 V Power Supply for the RTWO Internal LDO.
24
BP_CAP_1
O
RTWO LDO Op Amp Bypass Capacitor. Connect an external 0.01 µF capacitor from this pin to GND.
25
BP_CAP_2
O
RTWO LDO Bypass Capacitor. Connect an external 1 µF capacitor from this pin to GND.
26
BP_CAP_3
O
RTWO Bias Supply Bypass Capacitor. This pin can be left unconnected (floating).
27
GND
GND
Ground for RTWO Power Supply. Connect this pin to ground.
28
GND
GND
Ground for OUT1 Power Supply. Connect this pin to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com