Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9530 Datasheet(PDF) 23 Page - Analog Devices

Part # AD9530
Description  4 CML Output, Low Jitter Clock Generator
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9530 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD9530 Datasheet HTML 19Page - Analog Devices AD9530 Datasheet HTML 20Page - Analog Devices AD9530 Datasheet HTML 21Page - Analog Devices AD9530 Datasheet HTML 22Page - Analog Devices AD9530 Datasheet HTML 23Page - Analog Devices AD9530 Datasheet HTML 24Page - Analog Devices AD9530 Datasheet HTML 25Page - Analog Devices AD9530 Datasheet HTML 26Page - Analog Devices AD9530 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 41 page
background image
Data Sheet
AD9530
Rev. 0 | Page 23 of 41
SERIAL CONTROL PORT
The AD9530 serial control port is a flexible, synchronous serial
communications port that provides a convenient interface to
many industry-standard microcontrollers and microprocessors.
The serial control port allows read/write access to the AD9530
register map.
The AD9530 uses the Analog Devices, Inc., unified SPI protocol.
The unified SPI protocol guarantees that all new Analog Devices
products using the unified protocol have consistent serial port
characteristics. The SPI port configuration is programmable via
Register 0x0000. This register is a part of the SPI control logic
rather than in the register map.
SPI SERIAL PORT OPERATION
Pin Descriptions
The SCLK (serial clock) pin serves as the serial shift clock. This
pin is an input. SCLK synchronizes serial control port read and
write operations. The rising edge SCLK registers write data bits,
and the falling edge registers read data bits. The SCLK pin
supports a maximum clock rate of 40 MHz.
The SPI port supports both 3-wire (bidirectional) and 4-wire
(unidirectional) hardware configurations and both MSB-first
and LSB-first data formats. Both the hardware configuration
and data format features are programmable. The 3-wire mode
uses the SDIO (serial data input/output) pin for transferring
data in both directions. The 4-wire mode uses the SDIO pin
for transferring data to the AD9530, and the SDO pin for
transferring data from the AD9530.
The CS (chip select) pin is an active low control that gates read
and write operations. Assertion (active low) of the CS pin initiates a
write or read operation to theAD9530 SPI port. Any number of
data bytes can be transferred in a continuous stream. The register
address is automatically incremented or decremented based on the
setting of the address ascension bit (Register 0x0000). CS must be
deasserted at the end of the last byte transferred, thereby ending
the stream mode. This pin is internally connected to a 10 kΩ pull-
up resistor. When CS is high, the SDIO and SDO pins go into a
high impedance state.
Implementation Specific Details
A detailed description of the unified SPI protocol can be found
at www.analog.com/ADISPI, which covers items such as timing,
command format, and addressing.
The following product specific items are defined in the unified
SPI protocol:
•
Analog Devices unified SPI protocol Revision: 1.0.
•
Chip type: 0x05 (0x05 indicates a clock chip).
•
Product ID: 10011b (in this case) uniquely identifies the
device as AD9530. No other Analog Devices clock IC
supporting unified SPI has this identifier.
•
Physical layer: 3-wire and 4-wire supported and 2.5 V
operation supported.
•
Optional single-byte instruction mode: not supported.
•
Data link: not used.
•
Control: not used.
Communication Cycle—Instruction Plus Data
The unified SPI protocol consists of a two part communication
cycle. The first part is a 16-bit instruction word that is coincident
with the first 16 SCLK rising edges and a payload. The instruction
word provides the AD9530 serial control port with information
regarding the payload. The instruction word includes the R/W bit
that indicates the direction of the payload transfer (that is, a
read or write operation). The instruction word also indicates
the starting register address of the first payload byte.
Write
If the instruction word indicates a write operation, the payload
is written into the serial control port buffer of the AD9530. Data
bits are registered on the rising edge of SCLK. Generally, it does
not matter what data is written to blank registers; however, it is
customary to use 0s. Note that there may be reserved registers
with default values not equal to 0x00; however, every effort was
made to avoid this.
Most of the serial port registers are buffered (see the Buffered/
Active Registers section for details on the difference between
buffered and active registers). Therefore, data written into
buffered registers does not take effect immediately. An additional
operation is needed to transfer buffered serial control port
contents to the registers that actually control the device. This
transfer is accomplished with an IO_UPDATE operation, which
is performed in one of two ways. One method is to write a Logic 1
to Register 0x00F, Bit 0 (this bit is an autoclearing bit). The user
can change as many register bits as desired before executing an
IO_UPDATE command. The IO_UPDATE operation transfers
the buffer register contents to their active register counterparts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com