Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9530 Datasheet(PDF) 39 Page - Analog Devices

Part # AD9530
Description  4 CML Output, Low Jitter Clock Generator
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9530 Datasheet(HTML) 39 Page - Analog Devices

Back Button AD9530 Datasheet HTML 33Page - Analog Devices AD9530 Datasheet HTML 34Page - Analog Devices AD9530 Datasheet HTML 35Page - Analog Devices AD9530 Datasheet HTML 36Page - Analog Devices AD9530 Datasheet HTML 37Page - Analog Devices AD9530 Datasheet HTML 38Page - Analog Devices AD9530 Datasheet HTML 39Page - Analog Devices AD9530 Datasheet HTML 40Page - Analog Devices AD9530 Datasheet HTML 41Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 39 / 41 page
background image
Data Sheet
AD9530
Rev. 0 | Page 39 of 41
M3 DIVIDER (REGISTER 0x022)
Table 53. Bit Descriptions for M3_DIVIDER (Default: 0x02)
Bits
Bit Name
Settings
Description
Default
Access
[7:4]
RESERVED
0x0
When writing to Register 0x01F, these bits must be 0x0.
0x0
W
[3:2]
M3_DIVIDER
These bits control the divide ratio for the M3 divider.
00b
RW
00
Divide by 2 (default).
01
Divide by 2.5.
10
Divide by 3.
11
Divide by 3.5.
1
M3_EN
M3 divider enable.
1b
RW
0
Disabled.
1
Enabled (default).
0
M3_DIVIDER_RESET
Setting this (self clearing) bit resets the M3 divider. This bit is live,
meaning IO_UPDATE is not needed for it to take effect.
0b
W
N DIVIDER (REGISTER 0x023)
Table 54. Bit Descriptions for N_DIVIDER (Default: 0x0A)
Bits
Bit Name
Settings
Description
Default
Access
[7:0]
N_DIVIDER
0x01 to
0xFF
PLL feedback divider. These bits control the divide ratio of the PLL
feedback divider. The divide ratio ranges from ÷1 (by writing 0x01) to
÷255 by writing 0xFF. Writing 0x00 disables the divider.
0x0A
RW
N DIVIDER CONTROL (REGISTER 0x024)
Table 55. Bit Descriptions for N_DIVIDER_CTRL (Default:0x00)
Bits
Bit Name
Settings
Description
Default
Access
[7:1]
RESERVED
0000000b
When writing to Register 0x024, these bits must be 0x00.
0000000b
W
0
N_DIVIDER_RESET
Setting this (self clearing) bit resets the N divider (also called
the feedback divider). This bit is live, meaning IO_UPDATE is not
needed for it to take effect.
0b
W
CHARGE PUMP (REGISTER 0x025)
Table 56. Bit Descriptions for CHARGE_PUMP (Default: 0x07)
Bits
Bit Name
Settings
Description
Default
Access
[7:6]
RESERVED
00b
When writing to Register 0x025, these bits must be 0x0.
00b
W
[5:0]
CP_CURRENT
Charge pump current. Charge pump current, ICP, is equal to: (1 +
CP_CURRENT) × 50 µA. The allowable range is 50 µA to 2.6 mA. Higher
register settings result in ICP = 2.6 mA.
0x07
RW
000000b
50 µA.
000001b
100 µA.
…
000111b
400 µA (default).
…
110010b
2.55 mA.
110011
2.6 mA (maximum).
PHASE FREQUENCY DECTECTOR (REGISTER 0x026)
Table 57. Bit Descriptions for PHASE_FREQUENCY_DETECTOR (Default: 0x01)
Bits
Bit Name
Settings
Description
Default
Access
[7:2]
RESERVED
000000b
When writing to Register 0x026, these bits must be 0x00.
000000b
W
1
PFD_EN_ANTIBACKLASH
PFD antibacklash enable.
0b
RW
0
Normal antibacklash pulse width (default).
1
Elongated antibacklash pulse width.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com