Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9530 Datasheet(PDF) 16 Page - Analog Devices

Part # AD9530
Description  4 CML Output, Low Jitter Clock Generator
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9530 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD9530 Datasheet HTML 12Page - Analog Devices AD9530 Datasheet HTML 13Page - Analog Devices AD9530 Datasheet HTML 14Page - Analog Devices AD9530 Datasheet HTML 15Page - Analog Devices AD9530 Datasheet HTML 16Page - Analog Devices AD9530 Datasheet HTML 17Page - Analog Devices AD9530 Datasheet HTML 18Page - Analog Devices AD9530 Datasheet HTML 19Page - Analog Devices AD9530 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 41 page
background image
AD9530
Data Sheet
Rev. 0 | Page 16 of 41
–20
–40
–60
–80
–100
–120
–140
–160
–170
–180
100
1k
10M
100M
100k
1M
10k
FREQUENCY (Hz)
–30
–50
–70
–90
–110
–130
–150
1: 100Hz, –73.4750dBc/Hz
2: 1kHz, –66.6660dBc/Hz
3: 10kHz, –86.8162dBc/Hz
4: 100kHz, –115.4368dBc/Hz
5: 1MHz, –138.1587dBc/Hz
6: 10MHz, –151.7467dBc/Hz
7: 100MHz, –149.6761dBc/Hz
NOISE:
ANALYSIS RANGE X: START 12kHz
STOP 20MHz
INTG NOISE: –51.4221dBc/19.69MHz
RMS NOISE: 3.79671mRAD
217.536mdeg
RMS JITTER: 223.802fsec
RESIDUAL FM: 1.57236kHz
1
2
3
4
5
7
6
Figure 9. Phase Noise, fOUT = 2.7 GHz, Loop Bandwidth = 8 kHz
–20
–40
–60
–80
–100
–120
–140
–160
–170
–180
100
1k
10M
100M
100k
1M
10k
FREQUENCY (Hz)
–30
–50
–70
–90
–110
–130
–150
1: 100Hz, –77.2438dBc/Hz
2: 1kHz, –72.2169dBc/Hz
3: 10kHz, –89.3822dBc/Hz
4: 100kHz, –118.0579dBc/Hz
5: 1MHz, –140.6235dBc/Hz
6: 10MHz, –153.7840dBc/Hz
7: 100MHz, –158.1045dBc/Hz
NOISE:
ANALYSIS RANGE X: START 12kHz
STOP 20MHz
INTG NOISE: –54.1475dBc/19.69MHz
RMS NOISE: 2.77421mRAD
158.951mdeg
RMS JITTER: 210.252fsec
RESIDUAL FM: 1.23877kHz
1
2
3
4
5
7
6
Figure 10. Phase Noise, fOUT = 2.1 GHz, Loop Bandwidth = 8 kHz
–20
–40
–60
–80
–100
–120
–140
–160
–170
–180
100
1k
10M
100M
100k
1M
10k
FREQUENCY (Hz)
–30
–50
–70
–90
–110
–130
–150
1: 100Hz, –76.5195dBc/Hz
2: 1kHz, –72.1524dBc/Hz
3: 10kHz, –90.4665dBc/Hz
4: 100kHz, –118.45978dBc/Hz
5: 1MHz, –141.0204dBc/Hz
6: 10MHz, –153.8759dBc/Hz
7: 100MHz, –164.4190dBc/Hz
NOISE:
ANALYSIS RANGE X: START 12kHz
STOP 20MHz
INTG NOISE: –54.8028/19.69MHz
RMS NOISE: 2.57262mRAD
174.4mdeg
RMS JITTER: 199.729fsec
RESIDUAL FM: 1.22141kHz
1
2
3
4
5
7
6
Figure 11. Phase Noise, fOUT = 2.05 GHz, Loop Bandwidth = 8 kHz
–20
–40
–60
–80
–100
–120
–140
–160
–170
–180
100
1k
10M
100M
100k
1M
10k
FREQUENCY (Hz)
–30
–50
–70
–90
–110
–130
–150
1: 100Hz, –77.9943dBc/Hz
2: 1kHz, –72.9378dBc/Hz
3: 10kHz, –90.9651dBc/Hz
4: 100kHz, –119.4690dBc/Hz
5: 1MHz, –141.9879dBc/Hz
6: 10MHz, –155.3944dBc/Hz
7: 100MHz, –161.6441dBc/Hz
NOISE:
ANALYSIS RANGE X: START 10.006kHz
STOP 19.988MHz
INTG NOISE: –55.5777dBc/19.69MHz
RMS NOISE: 2.35304mRAD
134.819mdeg
RMS JITTER: 211.82fsec
RESIDUAL FM: 1.03174kHz
1
2
3
4
5
7
6
Figure 12. Phase Noise, fOUT = 1.768 GHz, Loop Bandwidth = 8 kHz
–20
–40
–60
–80
–100
–120
–140
–160
–170
–180
100
1k
10M
100M
100k
1M
10k
FREQUENCY (Hz)
–30
–50
–70
–90
–110
–130
–150
1: 100Hz, –78.6193dBc/Hz
2: 1kHz, –73.4151dBc/Hz
3: 10kHz, –92.6392dBc/Hz
4: 100kHz, –120.8504dBc/Hz
5: 1MHz, –143.4421dBc/Hz
6: 10MHz, –156.4311dBc/Hz
7: 100MHz, –160.8215dBc/Hz
NOISE:
ANALYSIS RANGE X: START 12kHz
STOP 20MHz
INTG NOISE: –57.0182/19.69MHz
RMS NOISE: 1.99345mRAD
114.216mdeg
RMS JITTER: 211.512fsec
RESIDUAL FM: 924.222kHz
1
2
3
4
5
7
6
Figure 13. Phase Noise, fOUT = 1.5 GHz, Loop Bandwidth = 8 kHz,
High Performance Mode
–40
–60
–80
–100
–120
–140
–160
–170
–180
1k
10k
10M
100M
100k
1M
10k
FREQUENCY (Hz)
–50
–70
–90
–110
–130
–150
1: 1Hz, –94.3202dBc/Hz
2: 10kHz, –109.4110dBc/Hz
3: 100kHz, –114.0837dBc/Hz
4: 1MHz, –139.4227dBc/Hz
5: 10MHz, –151.9086dBc/Hz
6: 40MHz, –157.7001dBc/Hz
1
2
3
4
5
6
NOISE:
ANALYSIS RANGE X: START 12kHz
STOP 20MHz
INTG NOISE: –59.5089dBc/19.69MHzMHz
RMS NOISE: 1.49648mRAD
85.7421mdeg
RMS JITTER: 92.314fsec
RESIDUAL FM: 1.58172kHz
Figure 14. Phase Noise, fIN = 860 MHz, fOUT = 2.58 GHz,
Loop Bandwidth = 80 kHz, ICP = 2.4 mA, High Performance Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com