Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9530 Datasheet(PDF) 19 Page - Analog Devices

Part # AD9530
Description  4 CML Output, Low Jitter Clock Generator
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9530 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD9530 Datasheet HTML 15Page - Analog Devices AD9530 Datasheet HTML 16Page - Analog Devices AD9530 Datasheet HTML 17Page - Analog Devices AD9530 Datasheet HTML 18Page - Analog Devices AD9530 Datasheet HTML 19Page - Analog Devices AD9530 Datasheet HTML 20Page - Analog Devices AD9530 Datasheet HTML 21Page - Analog Devices AD9530 Datasheet HTML 22Page - Analog Devices AD9530 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 41 page
background image
Data Sheet
AD9530
Rev. 0 | Page 19 of 41
PLL Active Loop Filter
The AD9530 active loop filter consists of an internal op amp,
internal passive components, and external passive components.
Proper loop filter configuration is application dependent. An
example of a second-order loop filter is shown in Figure 16.
C1
LF_1
VREF
OP AMP
BIAS
ACTIVE LOOP FILTER WITH DUAL PATH
LF_2
LF_3
RTWO
C2
R2
CIN
CMAIN
RMAIN
RA_ONCHIP
CA_OFFCHIP
GND
OFF-CHIP
COMPONENTS
VTUNE_MAIN
VTUNE_TEMP
Figure 16. External Second-Order Loop Filer Configuration
C1, C2, CA_OFFCHIP, and R2 are external components required for
proper loop filter operation. All internal loop filter components
(RMAIN, RA_ONCHIP, CMAIN) are fixed with the exception of CIN, which
has available settings of 5 pF to 192.5 pF by programming
Register 0x027, Bits[5:2]. This capacitance setting alters the
bandwidth of the loop filter op amp. CIN is composed of a fixed
5 pF capacitor and a bank of 15 selectable 12.5 pF capacitors.
Calculate the CIN value by
CIN = 5 pF + 12.5 pF × Register 0x027, Bits[5:2]
Note that RMAIN and CMAIN in Figure 16 form a pole at
approximately 2 MHz.
Table 17 shows the typical loop filter component values and CP
settings for an 8 kHz loop bandwidth.
The maximum allowable capacitance value for the external loop
filter design is shown in Table 5. Exceeding this value may cause
various functions of the AD9530 to become unstable.
Use the ADIsimCLK design tool to design and simulate loop
filters with varying bandwidths.
PLL Reference Inputs
The AD9530 features two fully differential PLL reference inputs
that are routed through a 2:1 mux to a common R divider. The
differential reference input receiver has four internal termination/
biasing options to accommodate many input logic types. A
functional diagram of the reference input receiver is shown in
Figure 17. Table 18 details the four possible reference input
termination and common-mode settings achievable by writing
to Register 0x012, Bits[3:2] and Register 0x013, Bits[3:2]. The
input frequency specifications for the reference inputs are listed
in Table 4.
VTT BIAS
50
Ω
10k
Ω
10k
Ω
50
Ω
Figure 17. Reference Input Receiver Functional Diagram
Each REFx/REFx receiver can be disabled by setting the
associated reference enable bit to 0.
RTWO
The internal RTWO tunes from 5.11 GHz to 5.4 GHz and is
powered by the VDD supply pins (Pin 20 to Pin 23). The RTWO
has two modes: high performance mode and low power mode.
These modes are set by Register 0x01C, Bit 0. These modes
enable optimization between the phase noise performance and
power consumption. See the Power Supply Recommendations
section for a recommended power supply configuration for
Pin 20 to Pin 23.
Table 17. Typical Loop Filter Components and ICP Settings for 8 kHz Loop Bandwidth
Reference (MHz)
R Divider
Feedback Divider (N × M3)
C1 (nF)
C2 (µF)
R2 (Ω)
CA_OFFCHIP (µF)
ICP (mA)
181.5
÷1
÷30
10
0.47
255
0.1
0.3
Table 18. Possible Reference Input Termination Settings
Mode Name
REFx/REFx Input Termination Select Settings
On-Chip Termination
Common-Mode Bias
DC-Coupled LVDS
00
100 Ω differential
High-Z
DC-Coupled, Internally Biased
01 (default)
50 Ω to GND
GND
AC-Coupled
10
50 Ω to 0.35 V
0.35 V
DC-Coupled High-Z
11
10 kΩ to GND
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com