Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS431 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AS431
Description  ADJUSTABLE PRECISION SHUNT REGULATORS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AS431 Datasheet(HTML) 5 Page - Diodes Incorporated

  AS431 Datasheet HTML 1Page - Diodes Incorporated AS431 Datasheet HTML 2Page - Diodes Incorporated AS431 Datasheet HTML 3Page - Diodes Incorporated AS431 Datasheet HTML 4Page - Diodes Incorporated AS431 Datasheet HTML 5Page - Diodes Incorporated AS431 Datasheet HTML 6Page - Diodes Incorporated AS431 Datasheet HTML 7Page - Diodes Incorporated AS431 Datasheet HTML 8Page - Diodes Incorporated AS431 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
AS431
Document number: DS36599 Rev. 4 - 2
5 of 20
www.diodes.com
May 2018
© Diodes Incorporated
AS431
Electrical Characteristics (Operating Conditions: TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Test
Circuit
Conditions
Min
Typ
Max
Unit
VREF
Reference Voltage
0.5%
4
VKA = VREF, IKA = 10mA
2.487
2.500
2.512
V
1.0%
2.475
2.500
2.525
∆VREF
Deviation of Reference Voltage
Over Full Temperature Range
4
VKA = VREF,
IKA = 10mA
0 to +70°C
—
4.5
8
mV
-40 to +85°C
—
4.5
10
-40 to +125°C
—
4.5
16
∆VREF
∆VKA
Ratio of Change in Reference
Voltage to the Change in Cathode
Voltage
5
IKA = 10mA
∆VKA = 10V to VREF
—
-1.0
-2.7
mV/V
∆VKA = 36V to 10V
—
-0.5
-2.0
IREF
Reference Current
5
IKA = 10mA, R1 = 10kΩ, R2 = ∞
—
0.7
4
µA
∆IREF
Deviation of Reference Current
Over Full Temperature Range
5
IKA = 10mA, R1 = 10kΩ, R2 = ∞,
TA = -40 to +125°C
—
0.4
1.2
µA
IKA
(Min)
Minimum Cathode Current for
Regulation
4
VKA = VREF
—
0.4
1.0
mA
IKA
(Off)
Off-state Cathode Current
6
VKA = 36V, VREF = 0
—
0.05
1.0
µA
ZKA
Dynamic Impedance
4
VKA = VREF, IKA = 1 to 100mA,
f ≤ 1.0kHz
—
0.15
0.5
Ω
θJC
Thermal Resistance
—
SOT23
—
135.9
—
°C/W
SOT25
—
135.9
—
TO92 (Ammo Packing)
—
81.9
—
SOT89
—
29.8
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com