Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS431 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # AS431
Description  ADJUSTABLE PRECISION SHUNT REGULATORS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AS431 Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button AS431 Datasheet HTML 3Page - Diodes Incorporated AS431 Datasheet HTML 4Page - Diodes Incorporated AS431 Datasheet HTML 5Page - Diodes Incorporated AS431 Datasheet HTML 6Page - Diodes Incorporated AS431 Datasheet HTML 7Page - Diodes Incorporated AS431 Datasheet HTML 8Page - Diodes Incorporated AS431 Datasheet HTML 9Page - Diodes Incorporated AS431 Datasheet HTML 10Page - Diodes Incorporated AS431 Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
AS431
Document number: DS36599 Rev. 4 - 2
7 of 20
www.diodes.com
May 2018
© Diodes Incorporated
AS431
Performance Characteristics
Reference Voltage vs. Ambient Temperature
Reference Current vs. Ambient Temperature
Cathode Current vs. Cathode Voltage
Cathode Current vs. Cathode Voltage
Off-State Cathode Current
Ratio of Delta Reference Voltage to the
vs. Ambient Temperature
Ratio of Delta Cathode Voltage
-60
-40
-20
0
20
40
60
80
100
120
140
2.485
2.490
2.495
2.500
2.505
2.510
Ambient Temperature (
oC)
V
KA
= V
REF
I
KA
= 10mA
-60
-40
-20
0
20
40
60
80
100
120
140
0.0
0.5
1.0
1.5
R
1
=10K,R
2
=Infinite
I
KA
=10mA
Ambient Temperature (
0C)
-2
-1
0
1
2
3
-100
-50
0
50
100
150
Cathode Voltage (V)
V
KA
=V
REF
T
A
=25
0C
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
2.5
-200
0
200
400
600
800
Cathode Voltage (V)
V
KA
=V
REF
T
A
=25
0C
-40
-20
0
20
40
60
80
100
120
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
Ambient Temperature (
oC)
V
KA
=36V
V
REF
=0
-40
-20
0
20
40
60
80
100
120
-1.4
-1.3
-1.2
-1.1
-1.0
-0.9
V
KA
=3.5V to 36V
Ambient Temperature (
oC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com