Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS431 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AS431
Description  ADJUSTABLE PRECISION SHUNT REGULATORS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AS431 Datasheet(HTML) 1 Page - Diodes Incorporated

  AS431 Datasheet HTML 1Page - Diodes Incorporated AS431 Datasheet HTML 2Page - Diodes Incorporated AS431 Datasheet HTML 3Page - Diodes Incorporated AS431 Datasheet HTML 4Page - Diodes Incorporated AS431 Datasheet HTML 5Page - Diodes Incorporated AS431 Datasheet HTML 6Page - Diodes Incorporated AS431 Datasheet HTML 7Page - Diodes Incorporated AS431 Datasheet HTML 8Page - Diodes Incorporated AS431 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
AS431
Document number: DS36599 Rev. 4 - 2
1 of 20
www.diodes.com
May 2018
© Diodes Incorporated
AS431
ADJUSTABLE PRECISION SHUNT REGULATORS
Description
The AS431 is a three-terminal adjustable shunt regulator with
guaranteed thermal stability over a full operation range. It features
sharp turn-on characteristics, low temperature coefficient and low
output impedance, which make it ideal substitute for Zener diode in
applications such as switching power supply, charger and other
adjustable regulators.
The output voltage of AS431 can be set to any value between VREF
(2.5V) and the corresponding maximum cathode voltage (36V).
The AS431 precision reference is offered in two voltage tolerance:
0.5% and 1.0%.
This IC is available in 4 packages: TO92 (Ammo Packing), SOT23,
SOT25 and SOT89.
Features
Programmable Precise Output Voltage from 2.5V to 36V
High Stability under Capacitive Load
Low Temperature Deviation: 4.5mV Typical
Low
Equivalent
Full-range
Temperature
Coefficient
with
20PPM/°C Typical
Sink Current Capacity from 1mA to 100mA
Low Output Noise
Wide Operating Range of -40 to +125°C
Lead-Free Packages: SOT23, SOT25, TO92 (Ammo Packing),
SOT89
Totally Lead-Free; RoHS Compliant (Notes 1 & 2)
Lead-
Free Packages, Available in “Green” Molding Compound:
SOT23, SOT25, TO92 (Ammo Packing), SOT89
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Applications
Charger
Voltage Adapter
Switching Power Supply
Graphic Card
Precision Voltage Reference
Pin Assignments
(Top View)
(Top View)
SOT23
SOT25
Note 4: * Pin 2 is attached to substrate and must be connected to ANODE or
open.
(Top View)
(Top View)
SOT89 (Option 1)
SOT89 (Option 2)
(Top View)
TO92 (Ammo Packing)
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant.
2. See https://www.diodes.com/quality/lead-free/ for more inf
ormation about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and
Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
ANODE
CATHODE
REF
3
2
1
1
2
3
REF
CATHODE
ANODE
1
2
3
REF
CATHODE
ANODE
REF
CATHODE
ANODE
1
2
3
4
5
NC
(Note 4)
*
REF
CATHODE
ANODE
1
2
3


Similar Part No. - AS431

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AS431 ALPHA-AS431 Datasheet
359Kb / 7P
Precision Adjustable Shunt Regulator
logo
BCD Semiconductor Manuf...
AS431 BCDSEMI-AS431 Datasheet
159Kb / 17P
ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Diodes Incorporated
AS431 DIODES-AS431 Datasheet
416Kb / 19P
ADJUSTABLE PRECISION SHUNT REGULATORS
Rev 3
logo
BCD Semiconductor Manuf...
AS431AK BCDSEMI-AS431AK Datasheet
159Kb / 17P
ADJUSTABLE PRECISION SHUNT REGULATORS
AS431AK-E1 BCDSEMI-AS431AK-E1 Datasheet
159Kb / 17P
ADJUSTABLE PRECISION SHUNT REGULATORS
More results

Similar Description - AS431

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TL431C PHILIPS-TL431C Datasheet
189Kb / 16P
Adjustable precision shunt regulators
1997 Feb 25
logo
Texas Instruments
TL431B TI-TL431B Datasheet
787Kb / 40P
ADJUSTABLE PRECISION SHUNT REGULATORS
logo
List of Unclassifed Man...
431L ETC-431L Datasheet
92Kb / 3P
ADJUSTABLE PRECISION SHUNT REGULATORS
logo
BCD Semiconductor Manuf...
AS431 BCDSEMI-AS431 Datasheet
159Kb / 17P
ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431XM3 CYSTEKEC-TL431XM3 Datasheet
162Kb / 5P
Adjustable Precision Shunt Regulators
logo
BCD Semiconductor Manuf...
AN431 BCDSEMI-AN431 Datasheet
130Kb / 14P
ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431M3 CYSTEKEC-TL431M3 Datasheet
198Kb / 6P
Adjustable Precision Shunt Regulators
TL431SKA3 CYSTEKEC-TL431SKA3 Datasheet
453Kb / 9P
Adjustable Precision Shunt Regulators
logo
Diodes Incorporated
AN431 DIODES-AN431 Datasheet
361Kb / 13P
ADJUSTABLE PRECISION SHUNT REGULATORS
Rev 3
logo
Bookly Micro electronic
BM431 BOOKLY-BM431 Datasheet
171Kb / 10P
ADJUSTABLE PRECISION SHUNT REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com