Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS431 Datasheet(PDF) 10 Page - Diodes Incorporated

Part # AS431
Description  ADJUSTABLE PRECISION SHUNT REGULATORS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AS431 Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button AS431 Datasheet HTML 6Page - Diodes Incorporated AS431 Datasheet HTML 7Page - Diodes Incorporated AS431 Datasheet HTML 8Page - Diodes Incorporated AS431 Datasheet HTML 9Page - Diodes Incorporated AS431 Datasheet HTML 10Page - Diodes Incorporated AS431 Datasheet HTML 11Page - Diodes Incorporated AS431 Datasheet HTML 12Page - Diodes Incorporated AS431 Datasheet HTML 13Page - Diodes Incorporated AS431 Datasheet HTML 14Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
AS431
Document number: DS36599 Rev. 4 - 2
10 of 20
www.diodes.com
May 2018
© Diodes Incorporated
AS431
Ordering Information
AS431 X X X - X
Packing
Voltage Tolerance
A : 0.5%
Product Name
Package
Z : TO92
(Ammo Packing)
N : SOT23
E1/G1
TR : Tape & Reel or
Ammo
G1 : RoHS Compliant
and Green
B : 1.0%
K : SOT25
R : SOT89
E1 : RoHS Compliant
Part Number
Voltage
Tolerance
Package
(Note 7)
RoHS
Compliant
Lead Free /
Green
Marking ID
Packing
Quantity
Status
(Note 6)
Alternative
AS431ANTR-
E1
0.5%
SOT23
Lead Free
EB5
Tape & Reel
3000
NRND
AS431ANTR
-G1
AS431BNTR-
E1
1.0%
SOT23
Lead Free
EB6
Tape & Reel
3000
NRND
AS431BNTR
-G1
AS431ANTR-
G1
0.5%
SOT23
Green
GB5
Tape & Reel
3000
In
Production
—
AS431BNTR-
G1
1.0%
SOT23
Green
GB6
Tape & Reel
3000
In
Production
—
AS431AKTR-
E1
0.5%
SOT25
Lead Free
E6H
Tape & Reel
3000
NRND
AS431AKTR
-G1
AS431BKTR-
E1
1.0%
SOT25
Lead Free
E6I
Tape & Reel
3000
NRND
AS431BKTR
-G1
AS431AKTR-
G1
0.5%
SOT25
Green
G6H
Tape & Reel
3000
In
Production
—
AS431BKTR-
G1
1.0%
SOT25
Green
G6I
Tape & Reel
3000
In
Production
—
AS431AZ-E1
0.5%
TO92
Lead Free
AS431AZ-
E1
Bulk
1000
End of Life
AS431AZTR
-E1
AS431AZTR-
E1
0.5%
TO92
Lead Free
AS431AZ-
E1
Ammo
2000
In
Production
—
AS431BZ-E1
1.0%
TO92
Lead Free
AS431BZ-
E1
Bulk
1000
End of Life
AS431BZTR
-E1
AS431BZTR-
E1
1.0%
TO92
Lead Free
AS431BZ-
E1
Ammo
2000
In
Production
—
AS431AZ-G1
0.5%
TO92
Green
AS431AZ-
G1
Bulk
1000
End of Life
AS431AZTR
-G1
AS431AZTR-
G1
0.5%
TO92
Green
AS431AZ-
G1
Ammo
2000
In
Production
—
AS431BZ-G1
1.0%
TO92
Green
AS431BZ-
G1
Bulk
1000
End of Life
AS431BZTR
-G1
AS431BZTR-
G1
1.0%
TO92
Green
AS431BZ-
G1
Ammo
2000
In
Production
—
Pb
Lead-Free
Pb
Lead-Free
Pb
Lead-Free
Pb
Lead-Free
Pb
Lead-Free
Pb
Lead-Free
Pb
Lead-Free
Pb
Lead-Free



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com