Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS431 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # AS431
Description  ADJUSTABLE PRECISION SHUNT REGULATORS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AS431 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button AS431 Datasheet HTML 4Page - Diodes Incorporated AS431 Datasheet HTML 5Page - Diodes Incorporated AS431 Datasheet HTML 6Page - Diodes Incorporated AS431 Datasheet HTML 7Page - Diodes Incorporated AS431 Datasheet HTML 8Page - Diodes Incorporated AS431 Datasheet HTML 9Page - Diodes Incorporated AS431 Datasheet HTML 10Page - Diodes Incorporated AS431 Datasheet HTML 11Page - Diodes Incorporated AS431 Datasheet HTML 12Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
AS431
Document number: DS36599 Rev. 4 - 2
8 of 20
www.diodes.com
May 2018
© Diodes Incorporated
AS431
Performance Characteristics (Cont.)
Small Signal Voltage Gain vs. Frequency
Reference Impedance vs. Frequency
Stability Boundary Conditions vs. Load Capacitance
1k
10k
100k
1M
-10
0
10
20
30
40
50
60
70
Small Signal Frequency (Hz)
T
A
=25
0C
I
KA
=10mA
1K
10K
100K
1,000K
0.1
1
10
Frequency (Hz)
I
KA
=10mA
T
A
=25
oC
0
10
20
30
40
50
60
70
80
90
100
10
1
0.1
0.01
0.001
Stable
Stable
Load Capacitance (F)
T
A
=25
oC
V
KA
=V
REF
V
KA
= 5V:No oscillation
V
KA
=10V:No oscillation
V
KA
=15V:No oscillation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com