Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS431 Datasheet(PDF) 11 Page - Diodes Incorporated

Part # AS431
Description  ADJUSTABLE PRECISION SHUNT REGULATORS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AS431 Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button AS431 Datasheet HTML 7Page - Diodes Incorporated AS431 Datasheet HTML 8Page - Diodes Incorporated AS431 Datasheet HTML 9Page - Diodes Incorporated AS431 Datasheet HTML 10Page - Diodes Incorporated AS431 Datasheet HTML 11Page - Diodes Incorporated AS431 Datasheet HTML 12Page - Diodes Incorporated AS431 Datasheet HTML 13Page - Diodes Incorporated AS431 Datasheet HTML 14Page - Diodes Incorporated AS431 Datasheet HTML 15Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
AS431
Document number: DS36599 Rev. 4 - 2
11 of 20
www.diodes.com
May 2018
© Diodes Incorporated
AS431
Ordering Information (Cont.)
Notes:
6. All variants with TO92 package in Bulk packing (AS431AZ-E1, AS431BZ-E1, AS431AZ-G1 and AS431BZ-G1) are End of Life, recommended
alternatives are the variants with the same package in Ammo packing.
NRND: Not Recommended for New Design.
7. For packaging details, go to our website at: https://www.diodes.com/design/support/packaging/diodes-packaging/.
Marking Information
(1)
TO92 (Ammo Packing)
(Front View)
Part Number
Voltage
Tolerance
Package
(Note 7)
RoHS
Compliant
Lead Free /
Green
Marking ID
Packing
Quantity
Status
(Note 6)
Alternative
AS431ARTR-
E1
0.5%
SOT89
Lead Free
E43G
Tape & Reel
1000
NRND
AS431ARTR
-G1
AS431BRTR-
E1
1.0%
SOT89
Lead Free
E43H
Tape & Reel
1000
NRND
AS431BRTR
-G1
AS431ARTR-
G1
0.5%
SOT89
Green
G43G
Tape & Reel
1000
In
Production
—
AS431BRTR-
G1
1.0%
SOT89
Green
G43H
Tape & Reel
1000
In
Production
—
First and Second Lines: Logo and Marking ID
(See Ordering Information)
Third Line: Date Code
Y: Year
WW: Work Week of Molding
A: Assembly House Code
XX: Internal Code
AS431
XZ-XX
YWWAXX
Pb
Lead-Free
Pb
Lead-Free



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com