Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY28329PVC Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY28329PVC
Description  133-MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY28329PVC Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY28329PVC Datasheet HTML 2Page - Cypress Semiconductor CY28329PVC Datasheet HTML 3Page - Cypress Semiconductor CY28329PVC Datasheet HTML 4Page - Cypress Semiconductor CY28329PVC Datasheet HTML 5Page - Cypress Semiconductor CY28329PVC Datasheet HTML 6Page - Cypress Semiconductor CY28329PVC Datasheet HTML 7Page - Cypress Semiconductor CY28329PVC Datasheet HTML 8Page - Cypress Semiconductor CY28329PVC Datasheet HTML 9Page - Cypress Semiconductor CY28329PVC Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
CY28329
Document #: 38-07040 Rev. *E
Page 6 of 17
Data Byte 4:
Bit
Pin#
Name
Pin Description
Type
Power On
Default
Bit 7
–
Reserved, set = 0
R
0
Bit 6
–
Reserved, set = 0
R
0
Bit 5
33
3V66_0
3V66_0 Output Enable
1 = Enabled; 0 = Disabled
R/W
1
Bit 4
35
3V66_1/VCH
3V66_1/VCH Output Enable
1 = Enabled; 0 = Disabled
R/W
1
Bit 3
24
66IN/3V66_5
3V66_5 Output Enable
1 = Enable; 0 = Disable
Note: This bit should be used when pin 24 is configured as
3V66_5 output. do not clear this bit when pin 24 is
configured as 66IN input.
R/W
1
Bit 2
23
66BUFF2
66-MHz Buffered 2 Output Enable
1 = Enabled; 0 = Disabled
R/W
1
Bit 1
22
66BUFF1
66-MHz Buffered 1 Output Enable
1 = Enabled; 0 = Disabled
R/W
1
Bit 0
21
66BUFF0
66-MHz Buffered 0 Output Enable
1 = Enabled; 0 = Disabled
R/W
1
Data Byte 5:
Bit
Pin#
Name
Pin Description
Type
Power On
Default
Bit 7
Reserved, set = 0
R
0
Bit 6
Reserved, set = 0
R
0
Bit 5
21,22,23
66BUFF [2:0]
Tpd 66IN to 66BUFF propagation delay control
R/W
0
Bit 4
R/W
0
Bit 3
38
DOT
DOT edge rate control
R/W
0
Bit 2
R/W
0
Bit 1
39
USB
USB edge rate control
R/W
0
Bit 0
R/W
0
Byte 6: Vendor ID
Bit
Description
Type
Power On
Default
Bit 7
Revision Code Bit 3
R
0
Bit 6
Revision Code Bit 2
R
0
Bit 5
Revision Code Bit 1
R
0
Bit 4
Revision Code Bit 0
R
0
Bit 3
Vendor ID Bit 3
R
1
Bit 2
Vendor ID Bit 2
R
0
Bit 1
Vendor ID Bit 1
R
0
Bit 0
Vendor ID Bit 0
R
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com