Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY28329PVC Datasheet(PDF) 17 Page - Cypress Semiconductor

Part # CY28329PVC
Description  133-MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY28329PVC Datasheet(HTML) 17 Page - Cypress Semiconductor

Back Button CY28329PVC Datasheet HTML 9Page - Cypress Semiconductor CY28329PVC Datasheet HTML 10Page - Cypress Semiconductor CY28329PVC Datasheet HTML 11Page - Cypress Semiconductor CY28329PVC Datasheet HTML 12Page - Cypress Semiconductor CY28329PVC Datasheet HTML 13Page - Cypress Semiconductor CY28329PVC Datasheet HTML 14Page - Cypress Semiconductor CY28329PVC Datasheet HTML 15Page - Cypress Semiconductor CY28329PVC Datasheet HTML 16Page - Cypress Semiconductor CY28329PVC Datasheet HTML 17Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 17 / 17 page
background image
CY28329
Document #: 38-07040 Rev. *E
Page 17 of 17
Document History Page
Document Title: CY28329 133-MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
Document Number: 38-07040
REV.
ECN NO. Issue Date
Orig. of
Change
Description of Change
**
115133
04/26/02
DSG
Changed from Spec number: 38-01147 to 38-07040
Preliminary to Final
*A
122733
12/14/02
RBI
Added power-up requirements to operating conditions information.
*B
127128
06/13/03
RGL
Added t10 timing AC specification.
Added Notes 10 and 11. Added VDD to POR diagram.
Added pull-up resistor to PD# in Layout example.Verified I2C default values
Added “Use an external 1.0 to 4.7K
Ω pull-up resistor” to Pin 25 description.
*C
127899
06/26/03
DMG
Changed Pin 25 description to “Use an external 1.0 K
Ω pull-up resistor”.
*D
128179
06/27/03
LJN
Updated Document History Page to reflect *C changes.
*E
310457
See ECN
RGL
Added Lead-free devices



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com