Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY28329PVC Datasheet(PDF) 16 Page - Cypress Semiconductor

Part # CY28329PVC
Description  133-MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY28329PVC Datasheet(HTML) 16 Page - Cypress Semiconductor

Back Button CY28329PVC Datasheet HTML 9Page - Cypress Semiconductor CY28329PVC Datasheet HTML 10Page - Cypress Semiconductor CY28329PVC Datasheet HTML 11Page - Cypress Semiconductor CY28329PVC Datasheet HTML 12Page - Cypress Semiconductor CY28329PVC Datasheet HTML 13Page - Cypress Semiconductor CY28329PVC Datasheet HTML 14Page - Cypress Semiconductor CY28329PVC Datasheet HTML 15Page - Cypress Semiconductor CY28329PVC Datasheet HTML 16Page - Cypress Semiconductor CY28329PVC Datasheet HTML 17Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
CY28329
Document #: 38-07040 Rev. *E
Page 16 of 17
© Cypress Semiconductor Corporation, 2005. The information contained herein is subject to change without notice. Cypress Semiconductor Corporation assumes no responsibility for the use
of any circuitry other than circuitry embodied in a Cypress product. Nor does it convey or imply any license under patent or other rights. Cypress products are not warranted nor intended to be
used for medical, life support, life saving, critical control or safety applications, unless pursuant to an express written agreement with Cypress. Furthermore, Cypress does not authorize its
products for use as critical components in life-support systems where a malfunction or failure may reasonably be expected to result in significant injury to the user. The inclusion of Cypress
products in life-support systems application implies that the manufacturer assumes all risk of such use and in doing so indemnifies Cypress against all charges.
\
Intel and Pentium are registered trademarks of Intel Corporation. All products and company names mentioned in this document
may be the trademarks of their respective holders.
Package Diagrams
56-Lead Shrunk Small Outline Package O56
51-85062-*C
SEATING
PLANE
1
BSC
0°-8°
MAX.
GAUGE PLANE
28
29
56
1.100[0.043]
0.051[0.002]
0.851[0.033]
0.508[0.020]
0.249[0.009]
7.950[0.313]
0.25[0.010]
6.198[0.244]
13.894[0.547]
8.255[0.325]
5.994[0.236]
0.950[0.037]
0.500[0.020]
14.097[0.555]
0.152[0.006]
0.762[0.030]
DIMENSIONS IN MM[INCHES] MIN.
MAX.
0.170[0.006]
0.279[0.011]
0.20[0.008]
0.100[0.003]
0.200[0.008]
REFERENCE JEDEC MO-153
PACKAGE WEIGHT 0.42gms
PART #
Z5624 STANDARD PKG.
ZZ5624 LEAD FREE PKG.
56-Lead Thin Shrunk Small Outline Package, Type II (6 mm x 12 mm) Z56
51-85060-*C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com