Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY28329PVC Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY28329PVC
Description  133-MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY28329PVC Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY28329PVC Datasheet HTML 3Page - Cypress Semiconductor CY28329PVC Datasheet HTML 4Page - Cypress Semiconductor CY28329PVC Datasheet HTML 5Page - Cypress Semiconductor CY28329PVC Datasheet HTML 6Page - Cypress Semiconductor CY28329PVC Datasheet HTML 7Page - Cypress Semiconductor CY28329PVC Datasheet HTML 8Page - Cypress Semiconductor CY28329PVC Datasheet HTML 9Page - Cypress Semiconductor CY28329PVC Datasheet HTML 10Page - Cypress Semiconductor CY28329PVC Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
CY28329
Document #: 38-07040 Rev. *E
Page 7 of 17
Absolute Maximum Conditions
(Above which the useful life may be impaired. For user guide-
lines, not tested.)
Supply Voltage ..................................................–0.5 to +7.0V
Input Voltage ............................................ –0.5V to VDD + 0.5
Storage Temperature (Non-Condensing).... –65°C to +150°C
Max. Soldering Temperature (10 sec.) ..................... +260°C
Junction Temperature ............................................... +150°C
Package Power Dissipation.............................................. 1W
Static Discharge Voltage.........................................................
(per MIL-STD-883, Method 3015) ............................ > 2000V
Operating Conditions over which electrical parameters are guaranteed[7]
Parameter
Description
Min.
Max.
Unit
VDD_REF, VDD_PCI,VDD_CORE,
VDD_3V66, VDD_48 MHz, VDD_CPU,
3.3V Supply Voltages
3.135
3.465
V
TA
Operating Temperature, Ambient
0
70
°C
Cin
Input Pin Capacitance
5
pF
CXTAL
XTAL Pin Capacitance
22.5
pF
CL
Max. Capacitive Load on
USBCLK, REF
PCICLK, 3V66
20
30
pF
f(REF)
Reference Frequency, Oscillator Nominal Value
14.318
14.318
MHz
DC Electrical Specifications Over the Operating Range
Parameter
Description
Test Conditions
Min. Max. Unit
VIH
High-level Input Voltage
Except Crystal Pads. Threshold voltage for crystal pads = VDD/2
2.0
V
VIL
Low-level Input Voltage
Except Crystal Pads
0.8
V
VOH
High-level Output Voltage USB, REF, 3V66
IOH = –1 mA
2.4
V
PCI
IOH = –1 mA
2.4
V
VOL
Low-level Output Voltage
USB, REF, 3V66
IOL = 1 mA
0.4
V
PCI
IOL = 1 mA
0.55
V
IIH
Input High Current
0 < VIN < VDD
–5
5
mA
IIL
Input Low Current
0 < VIN < VDD
–5
5
mA
IOH
High-level Output Current CPU
For IOH =6*IRef Configuration
Type X1, VOH = 0.65V 12.9
mA
Type X1, VOH = 0.74V
14.9
REF, DOT, USB
Type 3, VOH = 1.00V
–29
Type 3, VOH = 3.135V
–23
3V66, DOT, PCI
Type 5, VOH = 1.00V
–33
Type 5, VOH = 3.135V
–33
IOL
Low-level Output Current
REF, DOT, USB
Type 3, VOL = 1.95V
29
mA
Type 3, VOL = 0.4V
27
3V66, PCI
Type 5, VOL =1.95 V
30
Type 5, VOL = 0.4V
38
IOZ
Output Leakage Current
Three-state
10
mA
IDD3
3.3V Power Supply Current VDD_CORE/VDD3.3 = 3.465V, FCPU = 133 MHz
360
mA
IDDPD3
3.3V Shutdown Current
VDD_CORE/VDD3.3 = 3.465V and @ IREF = 2.32 mA
25
mA
IDDPD3
3.3V Shutdown Current
VDD_CORE/VDD3.3 = 3.465V and @ IREF = 5.0 mA
45
mA
Note:
7. Multiple Supplies: the voltage on any input or I/O pin cannot exceed the power pin during power-up. Power supply sequencing is NOT required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com