Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY28329PVC Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY28329PVC
Description  133-MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY28329PVC Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY28329PVC Datasheet HTML 7Page - Cypress Semiconductor CY28329PVC Datasheet HTML 8Page - Cypress Semiconductor CY28329PVC Datasheet HTML 9Page - Cypress Semiconductor CY28329PVC Datasheet HTML 10Page - Cypress Semiconductor CY28329PVC Datasheet HTML 11Page - Cypress Semiconductor CY28329PVC Datasheet HTML 12Page - Cypress Semiconductor CY28329PVC Datasheet HTML 13Page - Cypress Semiconductor CY28329PVC Datasheet HTML 14Page - Cypress Semiconductor CY28329PVC Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
CY28329
Document #: 38-07040 Rev. *E
Page 11 of 17
VDD and POR Timing
Switching Waveforms (continued)
3V66
PCI
t7
3V66-PCI Clock Skew
t8A
t8B
CPU Clock Cycle-Cycle Jitter
Host_b
Host
t9A
t9B
Cycle-Cycle Clock Jitter
CLK
POR
1.5V
VDD
1.5V
t
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com