Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY28329PVC Datasheet(PDF) 12 Page - Cypress Semiconductor

Part # CY28329PVC
Description  133-MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY28329PVC Datasheet(HTML) 12 Page - Cypress Semiconductor

Back Button CY28329PVC Datasheet HTML 8Page - Cypress Semiconductor CY28329PVC Datasheet HTML 9Page - Cypress Semiconductor CY28329PVC Datasheet HTML 10Page - Cypress Semiconductor CY28329PVC Datasheet HTML 11Page - Cypress Semiconductor CY28329PVC Datasheet HTML 12Page - Cypress Semiconductor CY28329PVC Datasheet HTML 13Page - Cypress Semiconductor CY28329PVC Datasheet HTML 14Page - Cypress Semiconductor CY28329PVC Datasheet HTML 15Page - Cypress Semiconductor CY28329PVC Datasheet HTML 16Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
CY28329
Document #: 38-07040 Rev. *E
Page 12 of 17
VTTPWRGD# Timing Diagrams
GND VRM 5/12V
PWR_GD
VID [3:0]
BSEL [1:0]
VRM
VCC CPU CORE
VTTPWRGD
VCC CLOCK GEN
0.2–0.3 ms
delay
Wait for
VTTPWRGD#
Sample
BSELS
CLOCK STATE
State 0
State 1
State 2
State 3
ON
OFF
OFF
CLOCK VCO
CLOCK OUTPUTS
Figure 2. CPU Power BEFORE Clock Power
ON
VTTPWRGD FROM
Figure 3. CPU Power AFTER Clock Power
GND VRM 5/12V
PWRGD
VID [3:0]
BSEL [1:0]
PWRGD FROM
VRM
PWRGD# FROM
VCC CPU CORE
VTTPWRGD
VCC CLOCK GEN
0.2–0.3 ms
delay
Wait for
VTTPWRGD#
Sample
BSELS
CLOCK STATE
State 0
State 1
State 2
State 3
OFF
OFF
CLOCK VCO
CLOCK OUTPUTS
ON
ON
NPN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com