Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MON35W42 Datasheet(PDF) 2 Page - SMSC Corporation

Part # MON35W42
Description  Hardware Monitoring IC with Thermal Diode Interface
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

MON35W42 Datasheet(HTML) 2 Page - SMSC Corporation

  MON35W42 Datasheet HTML 1Page - SMSC Corporation MON35W42 Datasheet HTML 2Page - SMSC Corporation MON35W42 Datasheet HTML 3Page - SMSC Corporation MON35W42 Datasheet HTML 4Page - SMSC Corporation MON35W42 Datasheet HTML 5Page - SMSC Corporation MON35W42 Datasheet HTML 6Page - SMSC Corporation MON35W42 Datasheet HTML 7Page - SMSC Corporation MON35W42 Datasheet HTML 8Page - SMSC Corporation MON35W42 Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 60 page
background image
2
GENERAL DESCRIPTION
The MON35W42 is an enhanced version of the
MON35W41 hardware status monitoring IC. The
MON35W42 can be used to monitor several
critical hardware parameters of the system,
including power supply voltages, fan speeds,
and temperatures, which are very important for
the stability and proper operation of high-end
computer systems.
MON35W42 provides both
ISA and I
2C serial bus interface.
An 8-bit analog-to-digital converter (ADC) is
contained
within
the
MON35W42.
The
MON35W42
can
simultaneously
monitor
9
analog voltage inputs, 2 fan tachometer inputs, 3
remote temperature and 1 case-open detection
signal. The remote temperature sensing can be
performed by thermistors, or 2N3904 NPN-type
transistors, or directly from Intel
®
Deschutes
CPU thermal diode output.
The MON35W42
provides: 4 PWM (pulse width modulation)
outputs for the fan speed control; beep tone
output for audio warning and nSMI, nOVT, and
nGPO signals for system protection events.
With application software such as the Intel
®
LDCM (LANDesk Client Managemet software,
the user can read all the monitored parameters
of system from time to time.
And a pop-up
warning
can
also
be
activated
when
the
monitored item drifts out of the proper/preset
range. Also the user can set the upper and lower
limits (alarm thresholds) of these monitored
parameters and activate programmable and
maskable interrupts. An optional beep tone can
be used as a warning signal when the monitored
parameter is out of the preset range.
Additionally, 5 VID inputs are provided to read
the VID of CPU (i.e. Pentium
® II) if applicable.
This provides automatic correction of the Vcore
voltage. The MON35W42 uniquely provides an
optional feature: early stage (before BIOS is
loaded) beep warning. This is to detect if a fatal
condition is present --- Vcore or +3.3V voltage
fail, and the system can not boot up. There are
3 specific pins to provide selectable address
settings for applications using multiple devices
(up to 8 devices) wired through the I
2C interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com