Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MON35W42 Datasheet(PDF) 39 Page - SMSC Corporation

Part # MON35W42
Description  Hardware Monitoring IC with Thermal Diode Interface
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

MON35W42 Datasheet(HTML) 39 Page - SMSC Corporation

Back Button MON35W42 Datasheet HTML 35Page - SMSC Corporation MON35W42 Datasheet HTML 36Page - SMSC Corporation MON35W42 Datasheet HTML 37Page - SMSC Corporation MON35W42 Datasheet HTML 38Page - SMSC Corporation MON35W42 Datasheet HTML 39Page - SMSC Corporation MON35W42 Datasheet HTML 40Page - SMSC Corporation MON35W42 Datasheet HTML 41Page - SMSC Corporation MON35W42 Datasheet HTML 42Page - SMSC Corporation MON35W42 Datasheet HTML 43Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 60 page
background image
39
Diode Selection Register -- Index 59h (Bank 0)
Register Location:
59h
Power on Default Value
<7>=0 and <6:4> = 111 and <3:0> = 0000
Attribute:
Read/Write
Size:
8 bits
7
6
5
4
3
2
1
0
Reserved
Reserved
Reserved
Reserved
SELPIIV1
SELPIIV2
SELPIIV3
Reserved
Bit 7:
Reserved
Bit 6:
Temperature sensor diode 3. Set to 1, select Pentium II compatible Diode. Set to 0 to
select 2N3904 Bipolar mode.
Bit 5:
Temperature sensor diode 2. Set to 1, select Pentium II compatible Diode. Set to 0 to
select 2N3904 Bipolar mode.
Bit 4:
Temperature sensor diode 1. Set to 1, select Pentium II compatible Diode. Set to 0 to
select 2N3904 Bipolar mode.
Bit 3-0: Reserved
PWMOUT2 Control -- Index 5Ah (Bank 0)
Register Location:
5Ah
Power on default value:
<7:0> 1111-1111. Reset by MR.
Attribute:
Read/Write
Size:
8 bits
7
6
5
4
3
2
1
0
PWM2_DUTY
Bit 7: PWMOUT2 duty cycle control
If this is FF, Duty cycle is 100%, If this is 00, Duty cycle is 0%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com