Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MON35W42 Datasheet(PDF) 1 Page - SMSC Corporation

Part # MON35W42
Description  Hardware Monitoring IC with Thermal Diode Interface
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

MON35W42 Datasheet(HTML) 1 Page - SMSC Corporation

  MON35W42 Datasheet HTML 1Page - SMSC Corporation MON35W42 Datasheet HTML 2Page - SMSC Corporation MON35W42 Datasheet HTML 3Page - SMSC Corporation MON35W42 Datasheet HTML 4Page - SMSC Corporation MON35W42 Datasheet HTML 5Page - SMSC Corporation MON35W42 Datasheet HTML 6Page - SMSC Corporation MON35W42 Datasheet HTML 7Page - SMSC Corporation MON35W42 Datasheet HTML 8Page - SMSC Corporation MON35W42 Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 60 page
background image
MON35W42
Hardware Monitoring IC with Thermal Diode
Interface
FEATURES
!" Monitoring Items
-
3 Thermal Inputs From Remote
Thermistors or 2N3904 NPN-type
Transistors or Pentium
® II (Deschutes)
Thermal Diode Output
-
9 Voltage Inputs - Typical for Vcore,
+3.3V, +12V, -12V, +5V, -5V, +5V Vsb,
Vbat, and One Reserved
-
3 Fan Speed Monitoring Inputs
-
Case Open Detection Input
-
WATCHDOG Comparison of all
Monitored Values
-
Programmable Hysteresis and Setting
Points (Alarm Thresholds) for all
Monitored Items
!" Action Enabling
-
Beep Tone Warning
-
4 PWM (Pulse Width Modulation)
Outputs for Fan Speed Control (3 are
MUX Optional); Up to 3 sets of fan
Speed Monitoring and Control.
-
Issue nSMI, nOVT, nGPO Signals to
Activate System Protection
-
Warning Signal Pop-Up for Application
Software
!" General
-
ISA and I
2C Serial Bus Interface
-
5 VID Input Pins for CPU Vcore
Identification (for Pentium
® II)
-
Initial Power Fault Beep (for +3.3V,
Vcore)
-
Master Reset Input to MON35W42
-
Independent Power Plane of Digital Vcc
and Analog Vcc (Inputs to IC)
-
3 Pins (IA0, IA1, IA2) to Provide
Selectable Address Setting for
Application of Multiple Devices (up to 8
Devices) Wired Through I
2C Interface
-
Intel
® LDCM (DMI Driver 2.0) Support
-
Acer ADM (DMI Driver 2.0) Support
-
SMSC Hardware Monitoring Application
Software (Hardware Doctor) Support,
for Both Windows 95/98 and Windows
NT 4.0/5.0
-
Input Clock Rate Optional for 24, 48,
14.318 MHz
-
5V Vcc Operation
!" Package
-
48 Pin TQFP


Similar Part No. - MON35W42

ManufacturerPart #DatasheetDescription
logo
Glamox
MON101563 GLAMOX-MON101563 Datasheet
180Kb / 3P
MONITOR1-S IP65 GR 430E1/DALI XWB
MON103918 GLAMOX-MON103918 Datasheet
190Kb / 3P
MONITOR1-S IP65 GR 650E2/DALI NB
MON104092 GLAMOX-MON104092 Datasheet
187Kb / 2P
MONITOR1-S IP65 GR 650E1/ST CR
MON106736 GLAMOX-MON106736 Datasheet
192Kb / 3P
MONITOR1-S IP65 GR 650E2/DALI CR
MON106737 GLAMOX-MON106737 Datasheet
200Kb / 3P
MONITOR1-S IP65 GR 650E1/DALI CR
More results

Similar Description - MON35W42

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U6803B ATMEL-U6803B Datasheet
148Kb / 7P
Triple-Driver IC with Thermal Monitoring
U6805B ATMEL-U6805B Datasheet
182Kb / 7P
HEX DRIVER IC WITH THERMAL MONITORING
U6803B ATMEL-U6803B_05 Datasheet
165Kb / 6P
Triple Driver IC with Thermal Monitoring
T6801 ATMEL-T6801_05 Datasheet
228Kb / 6P
Single-channel Driver IC with Thermal Monitoring
logo
Gamewell-FCI by Honeywe...
SV-SWS GAMEWELL-FCI-SV-SWS Datasheet
88Kb / 2P
Graphical Monitoring Software and Interface Hardware System
logo
ON Semiconductor
ADM1024 ONSEMI-ADM1024 Datasheet
315Kb / 29P
System Hardware Monitor with Remote Diode Thermal Sensing
April, 2012 ??Rev. 4
logo
TALEMA Group. LLC
NCT7802Y TALEMA-NCT7802Y Datasheet
1Mb / 87P
Hardware Monitoring IC NCT7802Y with PECI 3.0 interface
logo
ON Semiconductor
ADM1024 ONSEMI-ADM1024_16 Datasheet
256Kb / 30P
System Hardware Monitor with Remote Diode Thermal Sensing
January, 2016 ??Rev. 5
logo
ADL Embedded Solutions
ADLGS45HDS ADL-ADLGS45HDS Datasheet
663Kb / 2P
Hardware Monitoring
logo
Nuvoton Technology Corp...
NCT7802Y NUVOTON-NCT7802Y Datasheet
2Mb / 87P
Hardware Monitoring IC with PECI 3.0 interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com