Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MON35W42 Datasheet(PDF) 9 Page - SMSC Corporation

Part # MON35W42
Description  Hardware Monitoring IC with Thermal Diode Interface
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

MON35W42 Datasheet(HTML) 9 Page - SMSC Corporation

Back Button MON35W42 Datasheet HTML 5Page - SMSC Corporation MON35W42 Datasheet HTML 6Page - SMSC Corporation MON35W42 Datasheet HTML 7Page - SMSC Corporation MON35W42 Datasheet HTML 8Page - SMSC Corporation MON35W42 Datasheet HTML 9Page - SMSC Corporation MON35W42 Datasheet HTML 10Page - SMSC Corporation MON35W42 Datasheet HTML 11Page - SMSC Corporation MON35W42 Datasheet HTML 12Page - SMSC Corporation MON35W42 Datasheet HTML 13Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 60 page
background image
9
FUNCTIONAL DESCRIPTION
General Description
The MON35W42 provides 7 analog positive
inputs, 3 fan speed monitors, up to 4 sets of fan
PWM
(Pulse
Width
Modulation)
control,
3
thermal
inputs
from
remote
thermistors
or
2N3904 transistors or Pentium
® II (Deschutes)
thermal diode outputs, case open detection and
beep function output. When the monitored value
exceed
the
set
limit
value
for
voltage,
temperature, or fan counter, the beep output can
be generated. Once the monitor function on the
chip is enabled, the watch dog machine monitors
each function and stores the values. If the
monitored value exceeds the limit value, the
interrupt status is set to 1and an interrupt can be
generated.
Access Interface
The MON35W42 provides two interfaces for the
microprocessor to read/write internal registers.
ISA interface
The ISA Bus can be used to access the internal
registers of the MON35W42. This uses an Index
register and Data register to access the internal
registers. The upper address bits of the ISA bus
(bits15:3) must be externally decoded for the
Chip Select (nCS), the recommended address is
290h-297h. The Chip then uses the lower three
ISA address bits (bits 2:0) to decode the Index
and Data Registers. These two I/O registers are
described as following:
Port 295h: Index register.
Port 296h: Data register
The register structure is shown in Figure 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com