Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MON35W42 Datasheet(PDF) 21 Page - SMSC Corporation

Part # MON35W42
Description  Hardware Monitoring IC with Thermal Diode Interface
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

MON35W42 Datasheet(HTML) 21 Page - SMSC Corporation

Back Button MON35W42 Datasheet HTML 17Page - SMSC Corporation MON35W42 Datasheet HTML 18Page - SMSC Corporation MON35W42 Datasheet HTML 19Page - SMSC Corporation MON35W42 Datasheet HTML 20Page - SMSC Corporation MON35W42 Datasheet HTML 21Page - SMSC Corporation MON35W42 Datasheet HTML 22Page - SMSC Corporation MON35W42 Datasheet HTML 23Page - SMSC Corporation MON35W42 Datasheet HTML 24Page - SMSC Corporation MON35W42 Datasheet HTML 25Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 60 page
background image
21
Fan speed control
The MON35W42 provides four sets of controls for fan PWM speed control. The duty cycle of the PWM
can be programmed by a 8-bit registers which are defined in the Bank0 CR5A, CR5B, CR5E, and
CR5F. The default duty cycle is set to 100%, the default 8-bit registers is set to FFh. The duty cycle can
be calculated as follows.
%
100
255
Value
Register
bit
-
8
Programmed
(%)
cycle
Duty
(
'
The PWM clock frequency also can be program and defined in the Bank0.CR5C and Bank4.CR5C.
The application circuit is shown in figure 14.
FIGURE 14
Temperature Measurement Machine
The temperature data format is 8-bit two’s-complement for sensor 1 and 9-bit two’s-complement for
sensors 2/3. The 8-bit temperature data can be obtained by reading the CR[27h]. The 9-bit temperature
data can be obtained by reading the 8 MSBs from the Bank1/2 CR[50h] and the LSB from the Bank1/2
CR[51h] bit 7. The format of the temperature data is show in Table 1.
Table 2
8-Bit Digital Output
9-Bit Digital Output
Temperature
8-Bit Binary
8-Bit Hex
9-Bit Binary
9-Bit Hex
+125°C
0111,1101
7Dh
0,1111,1010
0FAh
+25°C
0001,1001
19h
0,0011,0010
032h
+1°C
0000,0001
01h
0,0000,0010
002h
+0.5°C
-
-
0,0000,0001
001h
+0°C
0000,0000
00h
0,0000,0000
000h
-0.5°C
-
-
1,1111,1111
1FFh
-1°C
1111,1111
FFh
1,1111,1110
1FFh
-25°C
1110,0111
E7h
1,1100,1110
1CEh
-55°C
1100,1001
C9h
1,1001,0010
192h
+12V
FAN
R1
R2
NMOS
PNP Transistor
C
+
-
PWM Clock Input
D
S
G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com