Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MON35W42 Datasheet(PDF) 38 Page - SMSC Corporation

Part # MON35W42
Description  Hardware Monitoring IC with Thermal Diode Interface
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

MON35W42 Datasheet(HTML) 38 Page - SMSC Corporation

Back Button MON35W42 Datasheet HTML 34Page - SMSC Corporation MON35W42 Datasheet HTML 35Page - SMSC Corporation MON35W42 Datasheet HTML 36Page - SMSC Corporation MON35W42 Datasheet HTML 37Page - SMSC Corporation MON35W42 Datasheet HTML 38Page - SMSC Corporation MON35W42 Datasheet HTML 39Page - SMSC Corporation MON35W42 Datasheet HTML 40Page - SMSC Corporation MON35W42 Datasheet HTML 41Page - SMSC Corporation MON35W42 Datasheet HTML 42Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 60 page
background image
38
BEEP Control Register 2-- Index 57h (Bank 0)
Register Location:
57h
Power on Default Value
<7:0> 1000-0000. Reset by MR.
Attribute:
Read/Write
Size:
8 bits
7
6
5
4
3
2
1
0
EN_V12_BP
EN_NV12_BP
EN_NV5_BP
EN_FAN3_BP
EN_CASO_BP
EN_T3_BP
Reserved
EN_GBP
Bit 7: Enable Global BEEP. If this bit is 1, enable global BEEP output. Default 1. If this bit is 0, disable
all BEEP outputs.
Bit 6: Reserved. This bit should be set to 0.
Bit 5: Enable BEEP Output from Temperature Sensor 3 if the monitor value exceed the limit value.
If this bit is 1, enable BEEP output. Default 0
Bit 4: Enable BEEP output for case open if the monitor value exceed the limit value. If this bit is 1,
enable BEEP output. Default 0.
Bit 3: Enable BEEP Output from FAN 3 if the monitor value exceed the limit value. If this bit is 1,
enable BEEP output. Default 0.
Bit 2:
Enable BEEP output from -5V, If this bit is 1, enable BEEP output if the monitor value exceed
the limits value. Default 0, disable BEEP output.
Bit 1: Enable BEEP output from -12V, If this bit is 1, enable BEEP output if the monitor value exceed
the limits value. Default 0, disable BEEP output.
Bit 0: Enable BEEP output from +12V, If this bit is 1, enable BEEP output if the monitor value exceed
the limits value. Default 0, disable BEEP output.
Chip ID -- Index 58h (Bank 0)
Register Location:
58h
Power on Default Value
<7:0> 0011-0000. Reset by MR.
Attribute:
Read Only
Size:
8 bits
7
6
5
4
3
2
1
0
CHIPID
Bit 7: SMSC Chip ID number. Read this register will return 30h.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com