Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC7524 Datasheet(PDF) 1 Page - IXYS Corporation

Part # CPC7524
Description  Quad High Voltage Isolated Analog Switch Array
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC7524 Datasheet(HTML) 1 Page - IXYS Corporation

  CPC7524 Datasheet HTML 1Page - IXYS Corporation CPC7524 Datasheet HTML 2Page - IXYS Corporation CPC7524 Datasheet HTML 3Page - IXYS Corporation CPC7524 Datasheet HTML 4Page - IXYS Corporation CPC7524 Datasheet HTML 5Page - IXYS Corporation CPC7524 Datasheet HTML 6Page - IXYS Corporation CPC7524 Datasheet HTML 7Page - IXYS Corporation CPC7524 Datasheet HTML 8Page - IXYS Corporation CPC7524 Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
INTEGRATED CIRCUITS DIVISION
DS-CPC7524-R02
www.ixysic.com
1
Features
• Switch Voltage up to 600V
• 110dB Switch-to-Switch Isolation at 5kHz
• Flexible Switch Configurations
• Smart Logic for Power-Up/Hot-Plug State Control
• 3.3V Operation with Very Low Power Consumption
• Switch Current Limiting and Thermal Shutdown
Protects Against Fault Conditions
• TTL Logic-Level Inputs
• Input Latch
• Matched RON
• Clean, Bounce-Free Switching
• Monolithic IC Reliability
Applications
• Instrumentation
• Industrial Controls and Monitoring
• Worldwide AC Mains Monitor
• Automatic Test Equipment (ATE)
• Battery Monitoring and Charging
Description
The CPC7524 Quad High Voltage (HV) isolated
Analog Switch Array builds upon our high voltage
design and fabrication expertise for offline and
telecom applications. This monolithic solid state
device provides the switching functionality of four
normally open (1-Form-A) relays in one small
economical package.
Designed to provide flexible single-ended or
differential access to high voltage networks, the
CPC7524 high voltage array is configured as two sets
of matched paired switches for improved differential
performance. Additionally, sensitive differential
applications will benefit from the matched pairs’
excellent pair-to-pair isolation. The self-biasing
switches do not require external high-voltage supplies
for proper operation.
Independent switch current limiting and switch-pair
thermal shutdown features provide enhanced
protection for devices connected to high voltage
networks up to +600V.
Ordering Information
Figure 1. CPC7524 Block Diagram
Part #
Description
CPC7524B
28-Pin SOIC in Tubes (29/Tube)
CPC7524BTR
28-Pin SOIC Tape & Reel (1000/Reel)
V
DD
= 3.3V
CHANNEL 1-2
S
1
S
2
S
2
*
S
1
*
S
1B
S
2B
S
2A
S
1A
T
SD1-2
LATCH
1-2
IN
1
IN
2
Channel 1-2
Switch
Control
Logic
L
A
T
C
H
1-2
CHANNEL 3-4
S
3
S
4
S
4
*
S
3
*
S
3B
S
4B
S
4A
S
3A
T
SD3-4
LATCH
3-4
IN
3
IN
4
Channel 3-4
Switch
Control
Logic
L
A
T
C
H
3-4
* ±600V
GND
CPC7524
Quad High Voltage Isolated
Analog Switch Array


Similar Part No. - CPC7524

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC75282 CLARE-CPC75282 Datasheet
672Kb / 19P
Line Card Access Switch
logo
IXYS Corporation
CPC75282 IXYS-CPC75282 Datasheet
297Kb / 19P
Line Card Access Switch
CPC75282KA IXYS-CPC75282KA Datasheet
297Kb / 19P
Line Card Access Switch
logo
Clare, Inc.
CPC75282KATR CLARE-CPC75282KATR Datasheet
672Kb / 19P
Line Card Access Switch
logo
IXYS Corporation
CPC75282KATR IXYS-CPC75282KATR Datasheet
297Kb / 19P
Line Card Access Switch
More results

Similar Description - CPC7524

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC9162AN TOSHIBA-TC9162AN Datasheet
401Kb / 12P
HIGH VOLTAGE ANALOG FUNCTION SWITCH ARRAY
logo
Rohm
BU4066BC ROHM-BU4066BC Datasheet
91Kb / 5P
Quad analog switch
logo
Fairchild Semiconductor
MM74HC4066 FAIRCHILD-MM74HC4066 Datasheet
122Kb / 10P
Quad Analog Switch
logo
National Semiconductor ...
MM54HC4016 NSC-MM54HC4016 Datasheet
171Kb / 8P
Quad Analog Switch
logo
Fairchild Semiconductor
74VHC4066 FAIRCHILD-74VHC4066_05 Datasheet
122Kb / 9P
Quad Analog Switch
MM74HC4066 FAIRCHILD-MM74HC4066_05 Datasheet
124Kb / 10P
Quad Analog Switch
logo
Rohm
BU4066BC ROHM-BU4066BC_14 Datasheet
1Mb / 20P
Quad-Analog Switch
logo
IXYS Corporation
CPC7514 IXYS-CPC7514 Datasheet
297Kb / 15P
Quad High Voltage Isolated Analog Switch Array
logo
Honeywell Solid State E...
HT1204 HONEYWELL-HT1204 Datasheet
328Kb / 5P
High Temperature Quad Analog Switch
logo
Vishay Siliconix
DG454 VISHAY-DG454_V01 Datasheet
252Kb / 13P
High Voltage 4 Ω Quad SPST CMOS Analog Switch
22-Oct-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com