Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC7524 Datasheet(PDF) 3 Page - IXYS Corporation

Part # CPC7524
Description  Quad High Voltage Isolated Analog Switch Array
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC7524 Datasheet(HTML) 3 Page - IXYS Corporation

  CPC7524 Datasheet HTML 1Page - IXYS Corporation CPC7524 Datasheet HTML 2Page - IXYS Corporation CPC7524 Datasheet HTML 3Page - IXYS Corporation CPC7524 Datasheet HTML 4Page - IXYS Corporation CPC7524 Datasheet HTML 5Page - IXYS Corporation CPC7524 Datasheet HTML 6Page - IXYS Corporation CPC7524 Datasheet HTML 7Page - IXYS Corporation CPC7524 Datasheet HTML 8Page - IXYS Corporation CPC7524 Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
INTEGRATED CIRCUITS DIVISION
CPC7524
R02
www.ixysic.com
3
1. Specifications
1.1 Package Pinout
1.2 Pin Descriptions
CPC7524
IN3
S3B
S3A
IN4
S1A
IN2
T
SD3-4
S2A
V
DD
LATCH
3-4
V
DD
S4A
N/C
N/C
S4B
N/C
GND
N/C
N/C
S1B
N/C
T
SD1-2
S2B
IN1
LATCH
1-2
GND
N/C
N/C
27
26
25
24
23
22
21
20
19
18
17
16
15
28
1
3
4
5
6
7
8
2
9
10
11
12
13
14
Pin
Name
Description
2, 4, 11,
13, 16,
18, 25,
27
NC
Not Connected
8,21
VDD
Logic Supply Voltage
9, 20
GND
Ground
CHANNEL 1-2
15
S2A
Switch 2 - side A
17
S1A
Switch 1 - side A
19
TSD1-2
I/O - Thermal shutdown output and All-Off
input control for SW1 & SW2
22
LATCH1-2 Input - Latch control for SW1 & SW2
23
IN1
Input - Switch 1 state control
24
IN2
Input - Switch 2 state control
26
S1B
Switch 1 - side B
28
S2B
Switch 2 - side B
CHANNEL 3-4
1
S3B
Switch 3 - side B
3
S4B
Switch 4 - side B
5
IN4
Input - Switch 4 state control
6
IN3
Input - Switch 3 state control
7
LATCH3-4 Input - Latch control for SW3 & SW4
10
TSD3-4
I/O - Thermal shutdown output and All-Off
input control for SW3 & SW4
12
S4A
Switch 4 - side A
14
S3A
Switch 3 - side A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com