Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC7524 Datasheet(PDF) 11 Page - IXYS Corporation

Part # CPC7524
Description  Quad High Voltage Isolated Analog Switch Array
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC7524 Datasheet(HTML) 11 Page - IXYS Corporation

Back Button CPC7524 Datasheet HTML 7Page - IXYS Corporation CPC7524 Datasheet HTML 8Page - IXYS Corporation CPC7524 Datasheet HTML 9Page - IXYS Corporation CPC7524 Datasheet HTML 10Page - IXYS Corporation CPC7524 Datasheet HTML 11Page - IXYS Corporation CPC7524 Datasheet HTML 12Page - IXYS Corporation CPC7524 Datasheet HTML 13Page - IXYS Corporation CPC7524 Datasheet HTML 14Page - IXYS Corporation CPC7524 Datasheet HTML 15Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
INTEGRATED CIRCUITS DIVISION
CPC7524
R02
www.ixysic.com
11
When the latch enable control pin is at a logic 0 the
data latch is transparent and the input control signals
flow directly through the data latch to the state control
circuitry. A change in input will be reflected by a
change in the switch state.
Whenever the latch enable control pin is at logic 1, the
data latch is active and the control data is locked.
Subsequent changes to the INx input control pins will
not result in a change to the control logic or affect the
existing switch states.
The switches will remain in the state they were in
when the LATCHx changes from logic 0 to logic 1, and
will not respond to changes in input as long as the
LATCHx is at logic 1. However, the TSDx are not
affected by the latch function. Since internal thermal
shutdown control is not affected by the state of the
latch enable input, TSDx will override state control.
3.3.2 TSD Pin Description
The TSDx pins are bidirectional I/O structures with
internal pull-ups from VDD. As outputs, these pins
indicate the status of the thermal shutdown circuitry for
the associated channel. Typically, during normal
operation, these pins will be pulled up to VDD, but,
under fault conditions that create excess thermal
loading, the channel under duress will enter thermal
shutdown and a logic low will be output at TSDx.
As inputs, the TSDx pins are utilized to place the
channel into the All-Off state by simply pulling the
input low. This is a convenient way to temporarily
place the channel’s switches into the off state without
the need to cycle the inputs and LATCH through an off
and then an on sequence.
For applications using logic devices powered from a
supply voltage that differs from the CPC7524, (lower
or higher than VDD), IXYS Integrated Circuits Division
recommends the use of an open-collector or an
open-drain type output to control TSDx. For
lower-voltage logic control, this avoids sinking the
TSDx pull-up bias current to ground during normal
operation when the All-Off state is not required. And
for higher logic-voltage control, this prevents
over-voltage biasing of the TSDx input.
If TSDx is forced to a logic 1 or tied to VDD, the channel
just ignores this input, and still enters the thermal
shutdown state at high temperature. In other words,
the thermal shutdown feature can not be overridden
by an external pull-up on the TSDx control.
3.4 Power Supplies
A +3.3V logic supply and ground are connected to the
CPC7524. Switch state control is powered exclusively
by the VDD supply. As a result, the CPC7524 exhibits
extremely low power consumption during active and
idle states.
3.5 Protection
The CPC7524 provides protection for both the low
voltage side circuitry it connects to high voltage
networks and itself. Three separate layers of
protection are interleaved within the device to protect
against high-energy high-frequency transients and
high-power, low-frequency fault conditions.
3.5.1 Dynamic High Frequency Current Limit
High voltage networks are ofttimes located in
environments susceptible to lightning events resulting
in high-frequency, high-energy transients being
coupled onto the high voltage network. Low voltage
circuits accessing high voltage networks through the
CPC7524 are protected from these events by the
dynamic high-frequency current-limit response
incorporated into each switch.
While in the ON state, the high frequency current is
restricted by the CPC7524. For a GR-1089-CORE
specified +1000V 10x1000
s lightning pulse with a
generator source impedance of 10
 applied to the
high voltage network though a properly clamped
external protector, the current seen at the CPC7524
low voltage side interface will be a pulse with a typical
magnitude of 1A and a duration less than 0.5
s.
3.5.2 Low Frequency Current Limit
During high-power, low-frequency faults, current
through a switch in the ON state will be constrained by
the low-frequency current-limit response of the switch.
As shown in “Figure 1: Switch Low Frequency
Response” on page 12 the low-frequency
current-limit response is dependent on the voltage
across the switch. For low levels of fault current the
graph shows that the voltage across the active switch
increases with increasing fault current. When the
magnitude of the fault current into the CPC7524



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com