Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC7524 Datasheet(PDF) 4 Page - IXYS Corporation

Part # CPC7524
Description  Quad High Voltage Isolated Analog Switch Array
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC7524 Datasheet(HTML) 4 Page - IXYS Corporation

  CPC7524 Datasheet HTML 1Page - IXYS Corporation CPC7524 Datasheet HTML 2Page - IXYS Corporation CPC7524 Datasheet HTML 3Page - IXYS Corporation CPC7524 Datasheet HTML 4Page - IXYS Corporation CPC7524 Datasheet HTML 5Page - IXYS Corporation CPC7524 Datasheet HTML 6Page - IXYS Corporation CPC7524 Datasheet HTML 7Page - IXYS Corporation CPC7524 Datasheet HTML 8Page - IXYS Corporation CPC7524 Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
INTEGRATED CIRCUITS DIVISION
CPC7524
4
www.ixysic.com
R02
1.3 Absolute Maximum Ratings
Absolute maximum electrical ratings are at 25
C.
Absolute Maximum Ratings are stress ratings. Stresses in
excess of these ratings can cause permanent damage to
the device. Functional operation of the device at conditions
beyond those indicated in the operational sections of this
data sheet is not implied.
1.4 General Conditions
Unless otherwise specified, minimum and maximum
values are guaranteed by production testing. Typical
values are characteristic of the device and are the
result of engineering evaluations. They are provided
for informational purposes only and are not
guaranteed by production testing.
Specifications cover the operating temperature range
TA = -40C to +85C. Also, unless otherwise specified,
all testing is performed with VDD = 3.3VDC, logic low
input voltage is 0VDC and logic high input voltage is
3.3VDC.
Parameter
Minimum Maximum
Unit
+3.3V power supply (VDD)
-0.3
+ 4
V
Logic input voltage
-0.3
VDD + 0.3
V
Logic input to switch output
isolation
-600
V
Switch open-contact isolation
(SW1, SW2, SW3, SW4)
-600
V
Operating relative humidity
5
95
%
Operating temperature
-40
+110
C
Storage temperature
-40
+150
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com