Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC7524 Datasheet(PDF) 12 Page - IXYS Corporation

Part # CPC7524
Description  Quad High Voltage Isolated Analog Switch Array
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC7524 Datasheet(HTML) 12 Page - IXYS Corporation

Back Button CPC7524 Datasheet HTML 7Page - IXYS Corporation CPC7524 Datasheet HTML 8Page - IXYS Corporation CPC7524 Datasheet HTML 9Page - IXYS Corporation CPC7524 Datasheet HTML 10Page - IXYS Corporation CPC7524 Datasheet HTML 11Page - IXYS Corporation CPC7524 Datasheet HTML 12Page - IXYS Corporation CPC7524 Datasheet HTML 13Page - IXYS Corporation CPC7524 Datasheet HTML 14Page - IXYS Corporation CPC7524 Datasheet HTML 15Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
INTEGRATED CIRCUITS DIVISION
CPC7524
12
www.ixysic.com
R02
reaches the Current Limit 1 (ILIM1) threshold, the
switch ceases to accept additional current causing the
switch response to transition from low impedance to
high impedance. This causes the voltage across the
switch to increase rapidly.
Figure 1: Switch Low Frequency Response
Thermal management of each channel is necessary
to minimize the internal temperature rise inside the
package, created by a fault on one channel, from
causing a thermal shutdown event of the other
channel.
It is important to note that the low-frequency
current-limit performance is dependent on a voltage
clamping device on the low-voltage side sized to
ensure that fault voltages do not exceed the
specifications of the low-voltage circuits, and capable
of redirecting currents up to the maximum level of
Current Limit 1.
Note that the current-limit circuitry has a negative
temperature coefficient. As a result, if the device is
subjected to extended heating due to a prolonged fault
condition, the current through the active switch will
decrease as the device temperature rises. If the
device temperature rises sufficiently, then the
temperature shutdown mechanism will activate and
the channel will enter the All-Off state.
3.5.3 Thermal Shutdown
The thermal-shutdown mechanism activates when the
channel’s die temperature reaches a minimum of
125°C, placing the channel’s switch pair into the All-Off
state regardless of logic input. During thermal
shutdown events the TSDx pin will output a logic low
with a nominal 0V level. A logic high is output from the
TSDx pin during normal operation with a typical output
level equal to VDD.
If presented with a short-duration transient, such as a
lightning event, the thermal-shutdown feature will
typically not activate. But in an extended
low-frequency event, the device temperature will rise,
and the thermal shutdown mechanism will activate,
forcing the channel’s switches to the All-Off state. At
this point the current into the active switch will drop to
zero. Once the channel enters thermal shutdown, it
will remain in the All-Off state until the temperature of
the channel drops below the de-activation level of the
thermal-shutdown circuit. This permits the circuit to
autonomously return to normal operation. If the fault
has not passed, current will again flow up to the value
allowed by the low-frequency current-limit of the
switches, and heating will resume, reactivating the
thermal-shutdown mechanism. This cycle of entering
and exiting the thermal-shutdown mode will continue
as long as the fault condition persists. If the magnitude
of the fault condition is great enough, the external
over-voltage protector will activate, shunting the fault
current to ground.
3.6 External Protection Elements
The CPC7524 requires only over-voltage secondary
protection on the high-voltage side of the switch.
Additional external protection may be required on the
low-voltage side of the switch if the threshold of the
high-voltage side protector exceeds the safe operation
of the low-voltage side components. Because the fault
current seen by the low-voltage side protector is
limited by the switch’s active current limit circuitry, the
low-voltage side protector need not be as capable as
that of the high-voltage side protector. The
high-voltage side protector must limit voltage
transients to levels that do not exceed the breakdown
voltage or input-output isolation barrier of the
CPC7524.
3.7 Thermal Design Assessment
A successful design utilizing the CPC7524 Quad High
Voltage Analog Switch Array is dependent on careful
consideration of the application’s environment and the
device’s thermal constraints. For matters regarding the
electrical design, this is simply a case of following the
parameters provided in the preceding tables and for
many this will be sufficient. However, those designers
wishing to push the operational limits envelope with
I
SW
V
SW
V
MAX
I
LIM1
-I
LIM1
2/3 R
ON
-I
LIM2
I
LIM2
-V
MAX
-1.5V
1.5V
R
ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com