Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC7524 Datasheet(PDF) 5 Page - IXYS Corporation

Part # CPC7524
Description  Quad High Voltage Isolated Analog Switch Array
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC7524 Datasheet(HTML) 5 Page - IXYS Corporation

  CPC7524 Datasheet HTML 1Page - IXYS Corporation CPC7524 Datasheet HTML 2Page - IXYS Corporation CPC7524 Datasheet HTML 3Page - IXYS Corporation CPC7524 Datasheet HTML 4Page - IXYS Corporation CPC7524 Datasheet HTML 5Page - IXYS Corporation CPC7524 Datasheet HTML 6Page - IXYS Corporation CPC7524 Datasheet HTML 7Page - IXYS Corporation CPC7524 Datasheet HTML 8Page - IXYS Corporation CPC7524 Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
INTEGRATED CIRCUITS DIVISION
CPC7524
R02
www.ixysic.com
5
1.5 Switch Electrical Specifications
Parameter
Test Conditions
Symbol
Minimum
Typical
Maximum
Unit
Off-State
Leakage Current
VSW (differential) = SxA to SxB
VSW (differential) = SxB to SxA
Switch Off.
ISW
A
+25
C,
VSW (differential) = +600V to Gnd
-
+0.1
+1
+85
C,
VSW (differential) = +600V to Gnd
+0.3
-40
C,
VSW (differential) = +580V to Gnd
+0.1
On Resistance
ISW(on) = ±10mA, ±40mA
RON
+25
C-
50
-
+85
C
-
75
95
-40
C
-27-
On Resistance
Matching
Per On Resistance test conditions
R
ON
SW1 & SW2
-2
7
SW3 & SW4
ON-State Voltage 2
Maximum Differential Voltage 1
VON
-
-
600
V
Low Frequency
Current Limit 1 2
VSW (on) = ±15V
ILIM1
mA
+25
C
200
300
-
+85
C80
-
-
-40
C
-
-
500
High Frequency
Dynamic Current Limit
(t <0.5
s)
Switches on, Apply ±1 kV 10x1000
s
pulse with appropriate protection in
place
ISW
-1-
A
Logic Input to Switch
Output Isolation
VSW: VSxA = VSxB to Gnd
ISW
A
+25
C, V
SW = ±600V
-+0.1
-
+85
C, V
SW = ±600V
-+0.3
+1
-40
C, V
SW = ±550V
-+0.1
-
Switch to Switch
Isolation
Any switch to any other switch
f=5kHz
110
-
-
dB
Transient Immunity
100VP-P Square Wave at 100Hz
dV/dt
1500
2100
-
V/
s
1 Choice of high voltage side protector should ensure this rating is not exceeded.
2 See
“Figure 1: Switch Low Frequency Response” on page 12.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com