Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP5030C Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP5030C
Description  USB Charging Port Controller with Current Limit Switch, Supporting CDP, DCP, and QC3.0 Modes
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5030C Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP5030C Datasheet HTML 1Page - Monolithic Power Systems MP5030C Datasheet HTML 2Page - Monolithic Power Systems MP5030C Datasheet HTML 3Page - Monolithic Power Systems MP5030C Datasheet HTML 4Page - Monolithic Power Systems MP5030C Datasheet HTML 5Page - Monolithic Power Systems MP5030C Datasheet HTML 6Page - Monolithic Power Systems MP5030C Datasheet HTML 7Page - Monolithic Power Systems MP5030C Datasheet HTML 8Page - Monolithic Power Systems MP5030C Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
MP5030C
– USB CHARGING PORT CONTROLLER SUPPORTING CDP, DCP, AND QC3.0
MP5030C Rev. 1.01
www.MonolithicPower.com
3
9/28/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
ABSOLUTE MAXIMUM RATINGS (1)
Supply voltage (VIN) ..................... -0.3V to +16V
Output voltage (VIN) ..................... -0.3V to +16V
All other pins.................................. -0.3V to +6V
Junction temperature ............................... 150°C
Lead temperature .................................... 260°C
Continuous power dissipation (TA = +25°C)
(2)
................................................................2.23W
Recommended Operating Conditions
(3)
Supply voltage (VIN) .......................Up to 14V
(4)
Output voltage (VOUT)................... follow with VIN
Output current (IOUT)..............................up to 3A
Operating junction temp. (TJ). .. -40°C to +125°C
Thermal Resistance
θJA
θJC
QFN-10 (1.5mmx2mm)
EV5030C-QH-00C ................ 56....... 18 ... °C/W
JESD51-7
(5) ........................ 130...... 25 ... °C/W
NOTES:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θ
JA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX)-TA)/θJA. Exceeding the maximum allowable power
dissipation produces an excessive die temperature, causing
the regulator to go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent
damage. Measured on EV5030C-QH-00A, 2-layer PCB,
4.4cmx2.9cm, 2Oz copper.
3) The device is not guaranteed to function outside of its
operating conditions.
4) For lower VIN applications, refer to the Operation section on
page 12.
5) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com