Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP5030C Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP5030C
Description  USB Charging Port Controller with Current Limit Switch, Supporting CDP, DCP, and QC3.0 Modes
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5030C Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP5030C Datasheet HTML 1Page - Monolithic Power Systems MP5030C Datasheet HTML 2Page - Monolithic Power Systems MP5030C Datasheet HTML 3Page - Monolithic Power Systems MP5030C Datasheet HTML 4Page - Monolithic Power Systems MP5030C Datasheet HTML 5Page - Monolithic Power Systems MP5030C Datasheet HTML 6Page - Monolithic Power Systems MP5030C Datasheet HTML 7Page - Monolithic Power Systems MP5030C Datasheet HTML 8Page - Monolithic Power Systems MP5030C Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
MP5030C
– USB CHARGING PORT CONTROLLER SUPPORTING CDP, DCP, AND QC3.0
MP5030C Rev. 1.01
www.MonolithicPower.com
4
9/28/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 5V, TJ = -40°C to 125°C (6), Typical value is tested at TJ = +25°C, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
VIN under-voltage lockout
rising threshold
VIN_UVLO1
ADJ starts to work
2.7
3.0
3.3
V
UVLO hysteresis
VUVLOHYS1
880
mV
Second VIN under-voltage
lockout rising threshold
VIN_UVLO2
Power MOSFET turn-on
3.7
3.9
4.1
V
Second UVLO hysteresis
VUVLOHYS2
500
mV
Start-up delay
TDelay
From UVLO rising to VOUT =
100mV
4
5
6
ms
Supply current
IQ
VIN = 5V, no load
250
320
μA
USB Power MOSFET
On resistance
RDSON
VIN = 5V
32
50
mΩ
Input discharge resistance
RDIS
Turn-on during VIN OVP or H to L
voltage change period
72
Ω
Soft-start time
TSS
VIN = 5V, no load, 10% to 90%
290
µs
Current Limit Set
USB current limit
ILIMIT
RILIM =
1.5kΩ, VOUT drops 10%
3.13
3.35
3.57
A
Output Voltage Control
Default VIN
VIN_Def1
IOUT = 0A, TJ = +25°C
-1%
5
+1%
V
VIN_Def2
TJ = -40°C to +125°C
-2%
5
+2%
9VIN voltage
VIN_9
TJ = +25°C
-2%
9
+2%
V
12VIN voltage
VIN_12
TJ = +25°C
-2%
12
+2%
V
VADJ sink current capability
Isink
VFB = 800mV
500
μA
Line drop compensation
VIN_5_C
IOUT = 2.4A, only 5VIN active
220
350
mV
Protection
VIN OVP threshold
VOV_TH
VIN rising edge, VIN = 5V
110
115
120
%
VIN rising edge, VIN = 9V
110
115
120
VIN rising edge, VIN = 12V
110
115
120
VIN OVP recovery
VOV_Recovery
Reset mode to 5V default
5.25
5.4
5.55
V
OVP deglitch time (7)
TOVP_DE
10
μs
OCP on time of hiccup
THIC_ON
2
ms
OCP off time of hiccup
THIC_OFF
2
s
Shutdown temperature (7)
TSTD
160
°C
Hysteresis (7)
THYS
35
°C
MODE Selection
MODE voltage
VMODE
MODE = high, DCP mode with
QC function
2.1
V
MODE = float, DCP mode without
QC function
0.9
1.9
MODE = low, CDP mode
0.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com