Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP5030C Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP5030C
Description  USB Charging Port Controller with Current Limit Switch, Supporting CDP, DCP, and QC3.0 Modes
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5030C Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MP5030C Datasheet HTML 4Page - Monolithic Power Systems MP5030C Datasheet HTML 5Page - Monolithic Power Systems MP5030C Datasheet HTML 6Page - Monolithic Power Systems MP5030C Datasheet HTML 7Page - Monolithic Power Systems MP5030C Datasheet HTML 8Page - Monolithic Power Systems MP5030C Datasheet HTML 9Page - Monolithic Power Systems MP5030C Datasheet HTML 10Page - Monolithic Power Systems MP5030C Datasheet HTML 11Page - Monolithic Power Systems MP5030C Datasheet HTML 12Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
MP5030C
– USB CHARGING PORT CONTROLLER SUPPORTING CDP, DCP, AND QC3.0
MP5030C Rev. 1.01
www.MonolithicPower.com
8
9/28/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VIN = 5V, VOUT = 5V, RILIM = 1.5kΩ, TA = 25°C, unless otherwise noted. Connect the MP5030C input
to the MP2499A output. System_VIN is the MP2499A input voltage.
Mode Transition from 12V to 9V
IOUT = 0A, from QC 2.0_12V to 9V
Mode Transition from 9V to 5V
IOUT = 0A, from QC 2.0_9V to 5V
CH1: VOUT
5V/div.
CH2: DP
2V/div.
CH3: DM
2V/div.
CH4: IOUT
500mA/div.
CH1: VOUT
5V/div.
CH2: DP
2V/div.
CH3: DM
2V/div.
CH4: IOUT
500mA/div.
10ms/div.
10ms/div.
Input Over-Voltage Protection
QC 5V Mode, IOUT = 0A
Input Over-Voltage Protection
QC 9V Mode, IOUT = 0A
CH1: VOUT
2V/div.
CH2:
VIN/MP5030C
2V/div.
CH4: IOUT
2A/div.
CH1: VOUT
5V/div.
CH2:
VIN/MP5030C
5V/div.
CH4: IOUT
2A/div.
1s/div.
2s/div.
Short-Circuit Protection Entry
and Recovery
VIN = 5V, IOUT = 0A
Short-Circuit Protection Entry
and Recovery
VIN = 9V, IOUT = 0A
CH1: VOUT
2V/div.
CH2:
VIN/MP5030C
2V/div.
CH4: IOUT
2A/div.
CH1: VOUT
5V/div.
CH2:
VIN/MP5030C
5V/div.
CH4: IOUT
2A/div.
2s/div.
2s/div.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com