Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP5030C Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP5030C
Description  USB Charging Port Controller with Current Limit Switch, Supporting CDP, DCP, and QC3.0 Modes
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5030C Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP5030C Datasheet HTML 1Page - Monolithic Power Systems MP5030C Datasheet HTML 2Page - Monolithic Power Systems MP5030C Datasheet HTML 3Page - Monolithic Power Systems MP5030C Datasheet HTML 4Page - Monolithic Power Systems MP5030C Datasheet HTML 5Page - Monolithic Power Systems MP5030C Datasheet HTML 6Page - Monolithic Power Systems MP5030C Datasheet HTML 7Page - Monolithic Power Systems MP5030C Datasheet HTML 8Page - Monolithic Power Systems MP5030C Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
MP5030C
– USB CHARGING PORT CONTROLLER SUPPORTING CDP, DCP, AND QC3.0
MP5030C Rev. 1.01
www.MonolithicPower.com
5
9/28/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
VIN = 5V, TJ = -40°C to 125°C (6), Typical value is tested at TJ = +25°C, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
BC 1.2 DCP Mode
DP/DM short resistance
RDP/DM_Short
VDP = 0.8V, IDM = 1mA, TJ =
+25°C
50
Ω
1.2V/1.2V Mode
DP/DM output voltage
VDP/DM_1.2V
1.1
1.2
1.3
V
DP/DM output impedance
RDP/DM_1.2V
300
k
Ω
Divider Mode
DP/DM output voltage
VDP/DM
VIN = VOUT = 5V
2.5
2.7
2.85
V
DP/DM output impendence
RDP/DM
18
22
28
kΩ
Quick Charge 3.0 Mode
Data detect voltage
VDAT_REF
0.25
0.3
0.4
V
Output voltage select ref
VSEL_REF
1.8
2
2.2
V
DP output impendence
RDP_QC
250
350
450
kΩ
DM output impendence
RDM_QC
15
20
25
kΩ
DM low glitch time
TGlitch_DM
10
ms
DP high glitch time
TGlitch_DP
1000
1500
ms
Output voltage change
glitch time
TGlitch_V_Change
20
40
60
ms
VBUS voltage step
Vstep
150
200
250
mV
CDP Mode
DM CDP output voltage
VDM_SRC
VDP = 0.6V
0.5
0.6
0.7
V
DP rising lower window
threshold for VDM_SRC
activation
VDAT_RE
0.25
0.3
0.4
V
DP rising lower window
threshold hysteresis for
VDM_SRC activation
VDAT_RE_HYS
50
mV
DP rising upper window
threshold for VDM_SRC de-
activation
VLGC_SRC
1.9
2
V
DP rising upper window
threshold hysteresis for
VDM_SRC de-activation
VLGC_SRC_HYS
200
mV
VDM_SRC on/off deglitch time VDM_SRC_Deglitch
3.8
4.8
5.8
ms
RDP_Down, RDM_Down
RDP/DM_Down
14.25
19.5
24.8
kΩ
DP/DM switch on
resistance
RON_DP/DM
2.5
Ω
DP to DP_OUT SW on cap
(7)
CDP
Same for DM switch
5.3
pF
3dB bandwidth of analog
data SW (7)
FBW
500
MHz
NOTES:
6) Guaranteed by over-temperature correlation, not tested in production.
7) Guaranteed by engineering sample characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com