Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP5030C Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP5030C
Description  USB Charging Port Controller with Current Limit Switch, Supporting CDP, DCP, and QC3.0 Modes
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5030C Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP5030C Datasheet HTML 7Page - Monolithic Power Systems MP5030C Datasheet HTML 8Page - Monolithic Power Systems MP5030C Datasheet HTML 9Page - Monolithic Power Systems MP5030C Datasheet HTML 10Page - Monolithic Power Systems MP5030C Datasheet HTML 11Page - Monolithic Power Systems MP5030C Datasheet HTML 12Page - Monolithic Power Systems MP5030C Datasheet HTML 13Page - Monolithic Power Systems MP5030C Datasheet HTML 14Page - Monolithic Power Systems MP5030C Datasheet HTML 15Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
MP5030C
– USB CHARGING PORT CONTROLLER SUPPORTING CDP, DCP, AND QC3.0
MP5030C Rev. 1.01
www.MonolithicPower.com
11
9/28/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
BLOCK DIAGRAM
Charge Pump
VDD Regulator
Current Limit
Protection
Auto Charging
Mode
Detection
Line Drop
Compensation
(5V only)
Current
Sense
Vo Reference and
Slew Rate
IN
Σ
Vin
sense
Over Voltage
Protection
Discharge
IN
OUT
ADJ
MODE
ILIM
DP
DM
GND
Driver
IN
IN
DM_OUT
DP_OUT
CDP
MODE
Control
Compensation
R1
R2
+1.2V
1MΩ
Figure 1: Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com