Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP5030C Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP5030C
Description  USB Charging Port Controller with Current Limit Switch, Supporting CDP, DCP, and QC3.0 Modes
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5030C Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP5030C Datasheet HTML 9Page - Monolithic Power Systems MP5030C Datasheet HTML 10Page - Monolithic Power Systems MP5030C Datasheet HTML 11Page - Monolithic Power Systems MP5030C Datasheet HTML 12Page - Monolithic Power Systems MP5030C Datasheet HTML 13Page - Monolithic Power Systems MP5030C Datasheet HTML 14Page - Monolithic Power Systems MP5030C Datasheet HTML 15Page - Monolithic Power Systems MP5030C Datasheet HTML 16Page - Monolithic Power Systems MP5030C Datasheet HTML 17Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
MP5030C
– USB CHARGING PORT CONTROLLER SUPPORTING CDP, DCP, AND QC3.0
MP5030C Rev. 1.01
www.MonolithicPower.com
13
9/28/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
ΔVIN
IOUT
0
2.4A
220mV
Figure 3: Line Drop Compensation
VADJ sinks a controlled current slowly. The line
drop compensation amplitude increases linearly
as the load current increases.
In no-load condition, if the input voltage is lower
than 5V (typical), ADJ sinks a current to
regulate the upstream regulator's output voltage
to 5V. If the input voltage is higher than 5V
(typical), the MP5030C no longer regulates the
input voltage.
Input Over-Voltage and Discharge
To protect the downstream device from an
over-voltage condition, the MP5030C provides
an
input
over-voltage
protection
(OVP)
shutdown
function.
Since
the
MP5030C
supports the QC 3.0 protocol, it has a dynamic
OVP threshold.
An accurate and fast comparator monitors the
over-voltage condition of the input. If the input
voltage rises above the threshold, the gate of
the internal MOSFET is pulled low quickly, and
the
power
MOSFET
is
shut
down.
Simultaneously, the input-to-ground discharge
path is active. When the input voltage falls
below 5.4V (typical), the MP5030C exits OVP
mode.
The OVP shutdown function is blanked during
the high-to-low voltage mode change period.
The input-to-ground discharge resistance is
always active during the high-to-low voltage
mode change period. The discharge path is
turn-off when FB is lower than 108% times the
reference voltage (VREF) with 20ms of additional
delay (see Figure 4).
t
V
Discharge
Enable
VIN
20ms
VFB=108%*Vref
Figure 4: Input Discharge during High Voltage to
Low Voltage Transition
QC mode is reset during the OVP rising edge.
Over-Current Protection (OCP)
The MP5030C provides a constant current limit.
The current limit threshold is adjustable by an
external resistor.
Once the device reaches its current limit
threshold, the internal circuit regulates the gate
voltage to hold the current in the power
MOSFET constant.
The external resistor (RLimit) can set the current
limit threshold. If an over-current (OC) condition
occurs but VOUT is higher than 3.5V, the
MP5030C works at a constant current (CC) limit
mode without hiccup mode. If the OC is
triggered and VOUT is lower than 3.5V for 2ms,
the MP5030C enters hiccup mode. In hiccup
mode, the MP5030C turns off the power
MOSFET (see Figure 5).
THIC_ON
THIC_OFF
VOUT
IOUT
<3.5V
Figure 5: Over-Current Protection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com