Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2467 Datasheet(PDF) 24 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2467
Description  150 MHz I2C Compatible RGB Preamplifier with Internal 254 Character OSD ROM, 512 Character RAM and 4 DACs
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2467 Datasheet(HTML) 24 Page - National Semiconductor (TI)

Back Button LM2467 Datasheet HTML 20Page - National Semiconductor (TI) LM2467 Datasheet HTML 21Page - National Semiconductor (TI) LM2467 Datasheet HTML 22Page - National Semiconductor (TI) LM2467 Datasheet HTML 23Page - National Semiconductor (TI) LM2467 Datasheet HTML 24Page - National Semiconductor (TI) LM2467 Datasheet HTML 25Page - National Semiconductor (TI) LM2467 Datasheet HTML 26Page - National Semiconductor (TI) LM2467 Datasheet HTML 27Page - National Semiconductor (TI) LM2467 Datasheet HTML 28Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 43 page
background image
OSD Generator Operation (Continued)
Microcontroller Interface
The microcontroller interfaces to the LM1236 preamp using
the I
2C compatible interface. The protocol of the interface
begins with a Start Pulse followed by a byte comprised of a
7-bit Slave Device Address and a Read/Write bit. Since the
first byte is composed of both the address and the read/write
bit, the address of the LM1236 for writing is 0xBA
(10111010b)
and
the
address
for
reading
is
0xBB
(10111011b). The development software provided by Na-
tional Semiconductor will automatically take care of the dif-
ference between the read and write addresses if the target
address under the communications tab is set to 0xBA. Fig-
ures 23, 24 show a write and read sequence on the I
2C
compatible interface.
WRITE SEQUENCE
The write sequence begins with a start condition, which
consists of the master pulling SDA low while SCL is held
high. The Slave Device Write Address, 0xBA, is sent next.
Each byte that is sent is followed by an acknowledge bit.
When SCL is high, the master will release the SDA line. The
slave must pull SDA low to acknowledge. The register to be
written to is next sent in two bytes, the least significant byte
being sent first. The master can then send the data, which
consists of one or more bytes. Each data byte is followed by
an acknowledge bit. If more than one data byte is sent, the
data will increment to the next address location. See Figure
23.
READ SEQUENCE
Read sequences are comprised of two I2C compatible trans-
fer sequences: The first is a write sequence that only trans-
fers the two byte address to be accessed. The second is a
read sequence that starts at the address transferred in the
previous address only write access and increments to the
next address upon every data byte read. This is shown in
Figure 24. The write sequence consists of the Start Pulse,
the Slave Device Write Address (0xBA), and the Acknowl-
edge bit; the next byte is the least significant byte of the
address to be accessed, followed by its Acknowledge bit.
This is then followed by a byte containing the most signifi-
cant address byte, followed by its Acknowledge bit. Then a
Stop bit indicates the end of the address only write access.
Next the read data access will be performed beginning with
the Start Pulse, the Slave Device Read Address (0xBB), and
the Acknowledge bit. The next 8 bits will be the read data
driven out by the LM1236 preamp associated with the ad-
dress indicated by the two address bytes. Subsequent read
data bytes will correspond to the next increment address
locations. Data should only be read from the LM1236 when
both OSD windows and the Fade In/ Fade Out are disabled.
20075737
FIGURE 22. Bordering
www.national.com
24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com