Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2467 Datasheet(PDF) 29 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2467
Description  150 MHz I2C Compatible RGB Preamplifier with Internal 254 Character OSD ROM, 512 Character RAM and 4 DACs
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2467 Datasheet(HTML) 29 Page - National Semiconductor (TI)

Back Button LM2467 Datasheet HTML 25Page - National Semiconductor (TI) LM2467 Datasheet HTML 26Page - National Semiconductor (TI) LM2467 Datasheet HTML 27Page - National Semiconductor (TI) LM2467 Datasheet HTML 28Page - National Semiconductor (TI) LM2467 Datasheet HTML 29Page - National Semiconductor (TI) LM2467 Datasheet HTML 30Page - National Semiconductor (TI) LM2467 Datasheet HTML 31Page - National Semiconductor (TI) LM2467 Datasheet HTML 32Page - National Semiconductor (TI) LM2467 Datasheet HTML 33Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 43 page
background image
LM1236 Address Map (Continued)
TWO-COLOR ATTRIBUTE RAM
This address range (0x8440–0x8497) contains the attribute lookup tables used for displaying two-color characters. There are 16
groups of 4 bytes each according to the format shown in Table 13. The attributes are stored starting with Color 0 (background)
and each color is stored red first, green second and then blue. They may be written or read using the following address format:
Address = 0x8440 + (N * 0x4) + B
where: N = Attribute number (0x0
≤ N ≤ 0xF)
B = Attribute byte number (0x0
≤ B ≤ 0x3)
When reading, it is OK to read only one, two, or all three bytes. When writing more than one 2-color attribute using the auto
increment feature, all four bytes must be written. When writing, bytes 0 through 2 must be written in order. Bytes 0 through 2 will
take effect after byte 2 is written. Since byte 3 contains all reserved bits, this byte may be written, but will have no effect. Any bits
marked as “X” are reserved and should be written to with zeros and should be ignored when the register is read.
TABLE 13. LM1236 Two-Color Attribute Registers
Register
Address
D7
D6
D5
D4
D3
D2
D1
D0
ATT2C0n
0x8440 + 4n
C0B[1:0]
C0G[2:0]
C0R[2:0]
ATT2C1n
+1
C1B[0]
C1G[2:0]
C1R[2:0]
C0B[2]
ATT2C2n
+2
X
X
EF[3:0]
C1B[2:1]
ATT2C3n
+3
XXXXXXXX
FOUR-COLOR ATTRIBUTE RAM
This address range (0x8500–0x857F), contains the attribute lookup tables used for displaying four-color characters. There are 16
groups of 8 bytes each according to the format shown in Table 14. The attributes are stored starting with Color 0 (background)
and each color is stored red first, green second and then blue. They may be written or read using the following address format:
Address = 0x8500 + (N * 0x8) + B
where: N = Attribute number (0x0
≤ N ≤ 0xF)
B = Attribute byte number (0x0
≤ B ≤ 0x7)
When writing, bytes 0 through 2 must be written in order and bytes 4 through 6 must be written in order. Bytes 0 through 2 will
take effect after byte 2 is written. Bytes 4 through 6 will take effect after byte 6 is written. Since bytes 5 and 7 contain all reserved
bits, these bytes may be written, but no effect will result. When reading, it is OK to read only one, two, or all three bytes. If writing
more than one 4-color attributes using the auto increment feature, all eight bytes must be written. Any bits marked as “X” are
reserved and should be written to with zeros and should be ignored when the register is read.
TABLE 14. LM1236 Four-Color Attribute Registers
Register
Address
D7
D6
D5
D4
D3
D2
D1
D0
ATT4C0n
8500 + (n*8)
C0B[1:0]
C0G[2:0]
C0R[2:0]
ATT4C1n
+1
C1B[0]
C1G[2:0]
C1R[2:0]
C0B[2]
ATT4C2n
+2
X
X
EF[3:0]
C1B[2:1]
ATT4C3n
+3
XXXXXXXX
ATT4C4n
+4
C2B[1:0]
C2G[2:0]
C2R[2:0]
ATT4C5n
+5
C3B[0]
C3G[2:0]
C3R[2:0]
C2B[2]
ATT4C6n
+6
XXXXXX
C3B[2:1]
ATT4C7n
+7
XXXXXXXX
www.national.com
29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com