Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2467 Datasheet(PDF) 34 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2467
Description  150 MHz I2C Compatible RGB Preamplifier with Internal 254 Character OSD ROM, 512 Character RAM and 4 DACs
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2467 Datasheet(HTML) 34 Page - National Semiconductor (TI)

Back Button LM2467 Datasheet HTML 30Page - National Semiconductor (TI) LM2467 Datasheet HTML 31Page - National Semiconductor (TI) LM2467 Datasheet HTML 32Page - National Semiconductor (TI) LM2467 Datasheet HTML 33Page - National Semiconductor (TI) LM2467 Datasheet HTML 34Page - National Semiconductor (TI) LM2467 Datasheet HTML 35Page - National Semiconductor (TI) LM2467 Datasheet HTML 36Page - National Semiconductor (TI) LM2467 Datasheet HTML 37Page - National Semiconductor (TI) LM2467 Datasheet HTML 38Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 43 page
background image
Control Register Definitions (Continued)
CHSDWCTRLB1 (0x840A)
CHSDWCTRLB0 (0x8409)
Reserved
Shadow - Green
Shadow - Red
Shadow - Blue
XXXXXXX
G[2:0]
R[2:0]
B[2:0]
Bits 8–0
These registers determine the heavy button box lowlight, shading or shadow color.
Bits 15–9
Reserved. These bits should be set to zero.
ROM Signature Control Register:
ROMSIGCTRL (0x840D)
Reserved
check
X
XXXXXX
CRS
Bit 0
This controls the calculation of the ROM signature. Setting this bit causes the ROM to be read
sequentially and a 16-bit checksum calculated over the 254 characters. The sum, modulo 65535, is
stored in the ROM Signature Data Register, and this bit is then automatically cleared.
Bits 7–1
Reserved. These should be set to zero.
ROM Signature Data:
ROMSIGDATAB1 (0x840F)
ROMSIGDATAB0 (0x840E)
16-Bit Checksum
CRC[15:0]
Bits 15–0
This is the checksum of the 254 ROM characters truncated to 16 bits (modulo 65535). All devices
with the same masked ROM will have the same checksum.
Display Window 1 Horizontal Start Address:
HSTRT1 (0x8410)
Window 1 Horizontal Start Location
1H[7:0]
Bits 7–0
There are two possible OSD windows which can be displayed simultaneously or individually. This
register determines the horizontal start position of Window 1 in OSD pixels (not video signal
pixels). The actual position, to the right of the horizontal flyback pulse, is determined by multiplying
this register value by 4 and adding 30. Due to pipeline delays, the first usable start location is
approximately 42 OSD pixels following the horizontal flyback time. For this reason, we recommend
this register be programmed with a number larger than 2, otherwise improper operation may result.
Display Window 1 Vertical Start Address:
VSTRT1 (0x8411)
Window 1 Vertical Start Address
1V[7:0]
Bits 7–0
This register determines the Vertical start position of the Window 1 in constant-height character
lines (not video scan lines). The actual position is determined by multiplying this register value by
2. (Note: each character line is treated as a single auto-height character pixel line, so multiple scan
lines may actually be displayed in order to maintain accurate position relative to the OSD character
cell size. See the Constant Character Height Mechanism section.) This register should be set so
the entire OSD window is within the active video.
Display Window 1 Start Address:
W1STRTADRH (0x8413)
W1STRTADRL (0x8412)
Reserved
Window 1 Start Address
XXXXXXX
1AD[8:0]
www.national.com
34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com