Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2467 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2467
Description  150 MHz I2C Compatible RGB Preamplifier with Internal 254 Character OSD ROM, 512 Character RAM and 4 DACs
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2467 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM2467 Datasheet HTML 1Page - National Semiconductor (TI) LM2467 Datasheet HTML 2Page - National Semiconductor (TI) LM2467 Datasheet HTML 3Page - National Semiconductor (TI) LM2467 Datasheet HTML 4Page - National Semiconductor (TI) LM2467 Datasheet HTML 5Page - National Semiconductor (TI) LM2467 Datasheet HTML 6Page - National Semiconductor (TI) LM2467 Datasheet HTML 7Page - National Semiconductor (TI) LM2467 Datasheet HTML 8Page - National Semiconductor (TI) LM2467 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 43 page
background image
Video Signal Electrical Characteristics (Continued)
Unless otherwise noted: T
A = 25˚C, VCC = +5.0V, VIN = 0.70 VP-P,VABL =VCC,CL = 8 pF, Video Outputs = 2.0 VP-P. Setting
numbers refer to the definitions in Table 1. See (Note 7) for Min and Max parameters and (Note 6) for Typicals.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
V
ABL TH
ABL Control Range Upper Limit
(Note 12), Test Setting 4, AC input
signal.
4.8
V
V
ABL Range
ABL Gain Reduction Range
(Note 12), Test Setting 4, AC input
signal.
2.8
V
A
V 3.5/AV Max
ABL Gain Reduction at 3.5V
(Note 12), Test Setting 4, AC input
signal. V
ABL = 3.5V
−2
dB
A
V 2.0/AV Max
ABL Gain Reduction at 2.0V
(Note 12), Test Setting 4, AC input
signal. V
ABL = 2.0V
−12
dB
I
ABL Active
ABL Input Bias Current during
ABL
(Note 12), Test Setting 4, AC input
signal. V
ABL =VABL MIN GAIN
µA
I
ABL Max
ABL Input Current Sink Capability (Note 12), Test Setting 4, AC input
signal.
1.0
mA
V
ABL Max
Maximum ABL Input Voltage
during Clamping
(Note 12), Test Setting 4, AC input
signal. I
ABL =IABL MAX
V
CC +
0.1
V
A
V ABL Track
ABL Gain Tracking Error
(Note 9), Test Setting 4, 0.7 V
P-P
input signal, ABL voltage set to 4.5V
and 2.5V.
4.5
%
R
IP
Minimum Input Resistance (pins
5, 6, 7)
Test Setting 4.
20
M
OSD Electrical Characteristics
Unless otherwise noted: T
A = 25˚C, VCC = +5.0V. See (Note 7) for Min and Max parameters and (Note 6) for Typicals.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
V
OSDHIGH max
Maximum OSD Level with OSD
Contrast 11
Palette Set at 111, OSD Contrast =
11, Test Setting 3
4.5
V
V
OSDHIGH 10
Maximum OSD Level with OSD
Contrast 10
Palette Set at 111, OSD Contrast =
10, Test Setting 3
3.9
V
V
OSDHIGH 01
Maximum OSD Level with OSD
Contrast 01
Palette Set at 111, OSD Contrast =
01, Test Setting 3
3.2
V
V
OSDHIGH 00
Maximum OSD Level with OSD
Contrast 00
Palette Set at 111, OSD Contrast =
00, Test Setting 3
2.4
V
∆V
OSD (Black)
Difference between OSD Black
Level and Video Black Level (same
channel)
Register 08=0x18, Input Video =
Black, Same Channel, Test Setting
8
20
mV
∆V
BL,OSD-Video
(Ch-Ch)
Difference between OSD Black
Level and Video Black Level
between any two channels
Register 08=0x18, Input Video =
Black, Same Channel, Same
Channel, Test Setting 8
20
mV
∆V
OSD (White)
Output Match between Channels
Palette Set at 111, OSD Contrast =
11, Maximum difference between R,
G, and B
3%
∆V
OSD/VVideo
(White)
Matching of OSD to Video peak to
peak amplitude ratios between
channels, normalized to the
smallest ratio.
Palette Set at 111, OSD Contrast =
10, Test Setting 4
3%
V
OSD-out (Track)
Output Variation between Channels OSD contrast varied from max to
min
3%
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com