Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2467 Datasheet(PDF) 40 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2467
Description  150 MHz I2C Compatible RGB Preamplifier with Internal 254 Character OSD ROM, 512 Character RAM and 4 DACs
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2467 Datasheet(HTML) 40 Page - National Semiconductor (TI)

Back Button LM2467 Datasheet HTML 35Page - National Semiconductor (TI) LM2467 Datasheet HTML 36Page - National Semiconductor (TI) LM2467 Datasheet HTML 37Page - National Semiconductor (TI) LM2467 Datasheet HTML 38Page - National Semiconductor (TI) LM2467 Datasheet HTML 39Page - National Semiconductor (TI) LM2467 Datasheet HTML 40Page - National Semiconductor (TI) LM2467 Datasheet HTML 41Page - National Semiconductor (TI) LM2467 Datasheet HTML 42Page - National Semiconductor (TI) LM2467 Datasheet HTML 43Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 40 / 43 page
background image
Attribute Table and Enhanced Features (Continued)
TABLE 25. Enhanced Feature Descriptions (Continued)
Bits 21–18
Feature Description
1100b
Heavy Raised Box
1101b
Blinking and Heavy Raised Box
1110b
Heavy Depressed Box
1111b
Blinking and Heavy Depressed Box
FOUR COLOR ATTRIBUTE FORMAT
The address range for an attribute number, 0
≤ n ≤ 15, is provided in Table 26.
ATT4C7n (0x8507+n*4)
ATT4C6n (0x8506+n*4)
Reserved
Color 3-
XXXXXX
XXXXXXXX
C3B[2:1]
ATT4C5n (0x8505+n*4)
ATT4C4n (0x8504+n*4)
Blue
Color 3 - Green
Color 3 - Red
Color 2 - Blue
Color 2 - Green
Color2-Red
C3B0
C3G[2:0]
C3R[2:0]
C2B[2:0]
C2G[2:0]
C2R[2:0]
ATT4C3n (0x8503+n*4)
ATT4C2n (0x8502+n*4)
Reserved
Enhanced Features
Color 1 -
XXXXXX
XXXX
EFB[3:0]
C1B[2:1]
ATT4C1n (0x8501+n*4)
ATT4C0n (0x8500+n*4)
Blue
Color 1 - Green
Color 1 - Red
Color 0 - Blue
Color 0 - Green
Color0-Red
C1B0
C1G[2:0]
C1R[2:0]
C0B[2:0]
C0G[2:0]
C0R[2:0]
Bits 8–0
These nine bits determine color 0 which is displayed when the corresponding OSD pixel code is 00b.
Bits 17–9
These nine bits determine color 1 which is displayed when the corresponding OSD pixel code is 01b.
Bits 21–18
These are the enhanced feature (EF) bits, which determine which feature is applied to the displayed character. The
features and their corresponding codes are shown in Table 25.
Bits 31–22
Reserved and should be set to zero.
Bits 40–32
These nine bits determine color2, which is displayed when the corresponding OSD pixel code is 10b.
Bits 49–41
These nine bits determine color3, which is displayed when the corresponding OSD pixel code is 11b.
Bits 63–50
Reserved and should be set to zero.
TABLE 26. Attribute Tables and Corresponding Addresses
Attribute Number, n
Two-Color Attribute Table Address
Four-Color Attribute Table Address
0000b
0x8440–0x8443
0x8500–0x8507
0001b
0x8444–0x8447
0x8508–0x850F
0010b
0x8448–0x844B
0x8510–0x8517
0011b
0x844C–0x844F
0x8518–0x851F
0100b
0x8450–0x8453
0x8520–0x8527
0101b
0x8454–0x8457
0x8528–0x852F
0110b
0x8458–0x845B
0x8530–0x8537
0111b
0x845C–0x845F
0x8538–0x853F
1000b
0x8460–0x8463
0x8540–0x8547
1001b
0x8464–0x8467
0x8548–0x854F
1010b
0x8468–0x846B
0x8550–0x8557
1011b
0x846C–0x846F
0x8558–0x855F
1100b
0x8470–0x8473
0x8560–0x8567
1101b
0x8474–0x8477
0x8568–0x856F
1110b
0x8478–0x847B
0x8570–0x8577
1111b
0x847C–0x847F
0x8578–0x857F
www.national.com
40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com