Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2467 Datasheet(PDF) 33 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2467
Description  150 MHz I2C Compatible RGB Preamplifier with Internal 254 Character OSD ROM, 512 Character RAM and 4 DACs
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2467 Datasheet(HTML) 33 Page - National Semiconductor (TI)

Back Button LM2467 Datasheet HTML 29Page - National Semiconductor (TI) LM2467 Datasheet HTML 30Page - National Semiconductor (TI) LM2467 Datasheet HTML 31Page - National Semiconductor (TI) LM2467 Datasheet HTML 32Page - National Semiconductor (TI) LM2467 Datasheet HTML 33Page - National Semiconductor (TI) LM2467 Datasheet HTML 34Page - National Semiconductor (TI) LM2467 Datasheet HTML 35Page - National Semiconductor (TI) LM2467 Datasheet HTML 36Page - National Semiconductor (TI) LM2467 Datasheet HTML 37Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 43 page
background image
Control Register Definitions (Continued)
Character Font Access Register:
CHARFONTACC (0x8402)
Reserved
Select
Plane
X
XXXXX
ATTR
FONT4
Bit 0
This is the Color Bit Plane Selector. This bit must be set to 0 to read or write a two-color attribute from the range
0x0000 to 0x2FFF. When reading or writing four-color attributes from the range 0x3000 to 0x3FFF, this bit is set to
0 for the least significant plane and to 1 for the most significant plane. It is also required to set this bit to read the
individual bit planes of the four color character fonts in 0x3000 to 0x3FFF and 0x7000 to 0x7FFF.
Bit 1
This is the Character/Attribute Selector. This applies to reads from the Display Page RAM (address range
0x8000–0x81FF). When a 0, the character code is returned and when a 1, the attribute code is returned.
Bits 7–2
Reserved. These should be set to zero.
Vertical Blank Duration Register:
VBLANKDUR (0x8403)
Res’d
Vertical Blanking Duration
X
VB[6:0]
Bits 6–0
This register determines the duration of the vertical blanking signal in scan lines. When vertical blanking is enabled,
it is recommended that this register be set to a number greater than 0x0A.
Bit 7
Reserved. This bit should be set to zero.
OSD Character Height Register:
CHARHTCTRL (0x8404)
CH[7:0]
Bits 7–0
This register determines the OSD character height as described in the section Constant Character Height
Mechanism. The values of this register is equal to the approximate number of OSD height compensated lines
required on the screen, divided by 4. This value is not exact due to the approximation used in scaling the character.
Example: If approximately 384 OSD lines are required on the screen (regardless of the number of scan lines) then
the Character Height Control Register is programmed with 81 (0x51).
Enhanced Feature Register 1:
Button Box Highlight Color
BBHLCTRLB1 (0x8406)
BBHLCTRLB0 (0x8405)
Reserved
Highlight - Green
Highlight - Red
Highlight - Blue
XXXXXXX
G[2:0]
R[2:0]
B[2:0]
Bits 8–0
These determine the button box highlight color.
Bits 15–9
Reserved. These bits should be set to zero.
Enhanced Feature Register 2:
Button Box Lowlight Color
BBLLCTRLB1 (0x8408)
BBLLCTRLB0 (0x8407)
Reserved
Lowlight - Green
Lowlight - Red
Lowlight - Blue
XXXXXXX
G[2:0]
R[2:0]
B[2:0]
Bits 8–0
These determine the button box lowlight color.
Bits 15–9
Reserved. These bits should be set to zero.
Enhanced Feature Register 3:
Heavy Button Box Lowlight/Shading/Shadow
www.national.com
33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com