Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS1663X Datasheet(PDF) 16 Page - Texas Instruments

Part # TPS1663X
Description  60-V, 6-A Power Limiting eFuse
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS1663X Datasheet(HTML) 16 Page - Texas Instruments

Back Button TPS1663X Datasheet HTML 12Page - Texas Instruments TPS1663X Datasheet HTML 13Page - Texas Instruments TPS1663X Datasheet HTML 14Page - Texas Instruments TPS1663X Datasheet HTML 15Page - Texas Instruments TPS1663X Datasheet HTML 16Page - Texas Instruments TPS1663X Datasheet HTML 17Page - Texas Instruments TPS1663X Datasheet HTML 18Page - Texas Instruments TPS1663X Datasheet HTML 19Page - Texas Instruments TPS1663X Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
IMON
VIN
VOUT
IIN
16
TPS1663
SLVSET9A – SEPTEMBER 2018 – REVISED OCTOBER 2018
www.ti.com
Product Folder Links: TPS1663
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Feature Description (continued)
Figure 8. IMON Response During a Load Step
8.3.8 FAULT Response (FLT)
The FLT open-drain output asserts (active low) under the faults events such as undervoltage, overvoltage, over
load, power limiting, reverse current and thermal shutdown conditions. The device is designed to eliminate false
reporting by using an internal "de-glitch" circuit for fault conditions without the need for an external circuitry. FLT
can be left open or connected to GND when not used.
8.3.9 IN, P_IN, OUT and GND Pins
Connect a minimum of 0.1 uF capacitor across IN and GND. Connect P_IN and IN together. Do not leave any of
the IN and OUT pins un-connected.
8.3.10 Thermal Shutdown
The device has a built-in overtemperature shutdown circuitry designed to protect the internal FET, if the junction
temperature exceeds T(TSD). After the thermal shutdown event, depending upon the mode of fault response, the
device either latches off or commences an auto-retry cycle t(TSD_retry) after TJ < [T(TSD) – 11°C]. During the thermal
shutdown, the fault pin FLT pulls low to indicate a fault condition.
8.3.11 Low Current Shutdown Control (SHDN)
The internal and the external FET and hence the load current can be switched off by pulling the SHDN pin below
0.8 V threshold with a micro-controller GPIO pin or can be controlled remotely with an opto-isolator device. The
device quiescent current reduces to 22 μA (typical) in shutdown state. To assert SHDN low, the pull down must
sink at least 10 µA at 400 mV. To enable the device, SHDN must be pulled up to atleast 2 V. Once the device is
enabled, the internal FET turns on with dVdT mode.
8.4 Device Functional Modes
The TPS1663x devices respond differently to overload with MODE pin configurations. The operational
differences are explained in Table 1.
Table 1. Device Operational Differences Under Different MODE Configurations
MODE Pin Configuration
Overload Protection Operation
Open
Active Current limiting at 1x for a maximum duration of tCL_PLIM(dly). There after Latches OFF.
Latch reset by toggling SHDN low to high or power cycling IN
Shorted to GND
Active Current limiting at 1x for a maximum duration of tCL_PLIM(dly). There after auto-retries
after a delay of t(TSD_retry).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com