Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS1663X Datasheet(PDF) 21 Page - Texas Instruments

Part # TPS1663X
Description  60-V, 6-A Power Limiting eFuse
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS1663X Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS1663X Datasheet HTML 17Page - Texas Instruments TPS1663X Datasheet HTML 18Page - Texas Instruments TPS1663X Datasheet HTML 19Page - Texas Instruments TPS1663X Datasheet HTML 20Page - Texas Instruments TPS1663X Datasheet HTML 21Page - Texas Instruments TPS1663X Datasheet HTML 22Page - Texas Instruments TPS1663X Datasheet HTML 23Page - Texas Instruments TPS1663X Datasheet HTML 24Page - Texas Instruments TPS1663X Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
TPS16633x
31
PŸ
IN
OUT
dVdT
ILIM
P_IN
RILIM
FLT
GND
SHDN
UVLO
OVP
MODE
IMON
PGOOD
Input
R2
R3
R1
COUT
CdVdT
*
Output
*
(
)
( )
(
)
( )
( )
IN
spike Absolute
IN
Load
IN
L
V
V
I
C
=
+
´
21
TPS1663
www.ti.com
SLVSET9A – SEPTEMBER 2018 – REVISED OCTOBER 2018
Product Folder Links: TPS1663
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
10.1 Transient Protection
In case of short circuit and over load current limit, when the device interrupts current flow, input inductance
generates a positive voltage spike on the input and output inductance generates a negative voltage spike on the
output. The peak amplitude of voltage spikes (transients) depends on the value of inductance in series to the
input or output of the device. These transients can exceed the Absolute Maximum Ratings of the device if steps
are not taken to address the issue.
Typical methods for addressing transients include:
•
Minimizing lead length and inductance into and out of the device
•
Using large PCB GND plane
•
Use of a Schottky diode across the output and GND to absorb negative spikes
•
A low value ceramic capacitor (C(IN) to approximately 0.1 μF) to absorb the energy and dampen the
transients.
The approximate value of input capacitance can be estimated with Equation 10.
where
•
V(IN) is the nominal supply voltage
•
I(LOAD) is the load current
•
L(IN) equals the effective inductance seen looking into the source
•
C(IN) is the capacitance present at the input
(10)
Some applications may require additional Transient Voltage Suppressor (TVS) to prevent transients from
exceeding the Absolute Maximum Ratings of the device. These transients can occur during positive and negative
surge tests on the supply lines. In such applications it is recommended to place at least 1 µF of input capacitor.
The circuit implementation with optional protection components (a ceramic capacitor, TVS and schottky diode) is
shown in Figure 18
* Optional components needed for suppression of transients
Figure 18. Circuit Implementation with Optional Protection Components for TPS1663x
10.2 Application Limitations
This section highlights some limitations in the application which were identified during bench evaluation of the
existing TPS1663 silicon on the evaluation module (EVM)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com