Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS1663X Datasheet(PDF) 18 Page - Texas Instruments

Part # TPS1663X
Description  60-V, 6-A Power Limiting eFuse
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS1663X Datasheet(HTML) 18 Page - Texas Instruments

Back Button TPS1663X Datasheet HTML 14Page - Texas Instruments TPS1663X Datasheet HTML 15Page - Texas Instruments TPS1663X Datasheet HTML 16Page - Texas Instruments TPS1663X Datasheet HTML 17Page - Texas Instruments TPS1663X Datasheet HTML 18Page - Texas Instruments TPS1663X Datasheet HTML 19Page - Texas Instruments TPS1663X Datasheet HTML 20Page - Texas Instruments TPS1663X Datasheet HTML 21Page - Texas Instruments TPS1663X Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
2
3
(UVLOR)
(UV)
1
2
3
R
R
V
V
R
R
R
u
3
(OVPR)
(OV)
1
2
3
R
V
V
R
R
R
u
:
ILIM
OL
18
R
18k
I
18
TPS1663
SLVSET9A – SEPTEMBER 2018 – REVISED OCTOBER 2018
www.ti.com
Product Folder Links: TPS1663
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
9.2.2 Detailed Design Procedure
9.2.2.1 Programming the Current-Limit Threshold R(ILIM) Selection
The R(ILIM) resistor at the ILIM pin sets the over load current limit, this can be set using Equation 7.
where
•
ILIM = 1 A
(7)
Choose the closest standard 1% resistor value : R(ILIM) = 18 kΩ
9.2.2.2 Undervoltage Lockout and Overvoltage Set Point
The undervoltage lockout (UVLO) and overvoltage trip point are adjusted using an external voltage divider
network of R1, R2 and R3 connected between IN, UVLO, OVP and GND pins of the device. The values required
for setting the undervoltage and overvoltage are calculated by solving Equation 8 and Equation 9.
(8)
(9)
For minimizing the input current drawn from the power supply {I(R123) = V(IN) / (R1 + R2 + R3)}, it is recommended
to use higher value resistance for R1, R2 and R3.
However, the leakage current due to external active components connected at resistor string can add error to
these calculations. So, the resistor string current, I(R123) must be chosen to be 20x greater than the leakage
current of UVLO and OVP pins.
From the device electrical specifications, V(OVPR) = 1.2 V and V(UVLOR) = 1.2 V. From the design requirements,
V(OV) is 55 V and V(UV) is 18 V. To solve the equation, first choose the value of R3 = 20.5 kΩ and use Equation 8
to solve for (R1 + R2) = 930 kΩ. Use Equation 9 and value of (R1 + R2) to solve for R2 = 43 kΩ and finally R1=
887 k
Ω.
Choose the closest standard 1% resistor values: R1 = 887 kΩ, R2 = 43 kΩ, and R3 = 20.5 kΩ.
9.2.2.3 Setting Output Voltage Ramp Time (tdVdT)
Use Equation 1 and Equation 2 to calculate required C(dVdT) for achieving an inrush current of 300 mA. C(dVdT) =
22 nF. Figure 10 and Figure 11 illustrates the inrush current limiting performance during 50 V hot-plug in
condition.
9.2.2.3.1
Support Component Selections RPGOOD and C(IN)
The RPGOOD serves as pull-up for the open-drain output. The current sink by this pin must not exceed 10 mA (see
the Absolute Maximum Ratings table). Typical resistance value in the range of 10 kΩ to 100 kΩ is recommended
for RPGOOD. Figure 13 and Figure 15 illustrate the power up and power down performance of the system
respectively. The CIN is a local bypass capacitor to suppress noise at the input. A minimum of 0.1 µF is
recommended for C(IN).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com