Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS1663X Datasheet(PDF) 19 Page - Texas Instruments

Part # TPS1663X
Description  60-V, 6-A Power Limiting eFuse
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS1663X Datasheet(HTML) 19 Page - Texas Instruments

Back Button TPS1663X Datasheet HTML 15Page - Texas Instruments TPS1663X Datasheet HTML 16Page - Texas Instruments TPS1663X Datasheet HTML 17Page - Texas Instruments TPS1663X Datasheet HTML 18Page - Texas Instruments TPS1663X Datasheet HTML 19Page - Texas Instruments TPS1663X Datasheet HTML 20Page - Texas Instruments TPS1663X Datasheet HTML 21Page - Texas Instruments TPS1663X Datasheet HTML 22Page - Texas Instruments TPS1663X Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
VOUT
IIN
IMON
FLTb
SHDNb
VOUT
PGOOD
IIN
VOUT
IIN
IMON
FLTb
VOUT
IIN
IMON
FLTb
VIN
VOUT
PGOOD
IIN
VIN
VOUT
PGOOD
IIN
19
TPS1663
www.ti.com
SLVSET9A – SEPTEMBER 2018 – REVISED OCTOBER 2018
Product Folder Links: TPS1663
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
9.2.3 Application Curves
Figure 10. Hot-Plug In at 50 V Supply with No Load
Figure 11. Hot-Plug In at 50 V Supply with 60 Ω Load
Figure 12. Over Load Performance During Load Step from
140 Ω to 40 Ω
Figure 13. Coming Out of Over Load with Load Step from
40 Ω to 140 Ω
Figure 14. Output Hot-short Performance with 50 V Input
Supply
Figure 15. Turn ON using SHDN Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com