Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS1663X Datasheet(PDF) 9 Page - Texas Instruments

Part # TPS1663X
Description  60-V, 6-A Power Limiting eFuse
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS1663X Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS1663X Datasheet HTML 5Page - Texas Instruments TPS1663X Datasheet HTML 6Page - Texas Instruments TPS1663X Datasheet HTML 7Page - Texas Instruments TPS1663X Datasheet HTML 8Page - Texas Instruments TPS1663X Datasheet HTML 9Page - Texas Instruments TPS1663X Datasheet HTML 10Page - Texas Instruments TPS1663X Datasheet HTML 11Page - Texas Instruments TPS1663X Datasheet HTML 12Page - Texas Instruments TPS1663X Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
IMON
OUT
UVLO
+
Current
Sense
4.3 V
4.2 V
+
dVdT
2µA
PORb
UVLOb
SWEN
24x
TPS16630
14
Ÿ
OVP
+
OVP
65
Ÿ
X27.7 µ
x
x
ILIM
1.2V
1.14V
1.2 V
1.14 V
Ramp Control
Q
Q
SET
CLR
S
R
SHDNb
Current Limit Amp
Fast-Trip Comp
(Threshold= 40A)
PORb
Gate Control Logic
FLT
Charge
Pump
GND
TSD
PORb
UVLOb
SHDNb
Thermal
Shutdown
SHDN
Avdd
Fault Latch
Open/ Short
detect
Avdd
+
0.8V
SHDNb
TSD
OLR
SWEN
* Only for Latch Mode
P_IN
P_IN
CP
MODE
OLR
162 msec
timer
I(OUT) = I(OL)
Timeout
31
PŸ
5 V
Overload fault response
(Auto-Retry/Latch-off)
select detection
Avdd
Q
Q
SET
CLR
S
R
11.5 ms
10 µsec
PGOOD
65
Ÿ
Gate Enhanced
(HS_FET)
UVLOb
SHDNb
11.5 ms
10
IN
9
TPS1663
www.ti.com
SLVSET9A – SEPTEMBER 2018 – REVISED OCTOBER 2018
Product Folder Links: TPS1663
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
8.2 Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com