Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS1663X Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS1663X
Description  60-V, 6-A Power Limiting eFuse
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS1663X Datasheet(HTML) 4 Page - Texas Instruments

  TPS1663X Datasheet HTML 1Page - Texas Instruments TPS1663X Datasheet HTML 2Page - Texas Instruments TPS1663X Datasheet HTML 3Page - Texas Instruments TPS1663X Datasheet HTML 4Page - Texas Instruments TPS1663X Datasheet HTML 5Page - Texas Instruments TPS1663X Datasheet HTML 6Page - Texas Instruments TPS1663X Datasheet HTML 7Page - Texas Instruments TPS1663X Datasheet HTML 8Page - Texas Instruments TPS1663X Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
4
TPS1663
SLVSET9A – SEPTEMBER 2018 – REVISED OCTOBER 2018
www.ti.com
Product Folder Links: TPS1663
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Pin Functions
PIN
TYPE
DESCRIPTION
NAME
TPS16630
TPS16632
VQFN
HTSSOP
VQFN
dVdT
9
10
9
I/O
A capacitor from this pin to GND sets output voltage slew rate.
Leaving this pin floating enables device power up in thermal
regulation resulting in fast output charge. See the Hot Plug-In and In-
Rush Current Control section
FLT
14
15
14
O
Fault event indicator. It is an open drain output. If unused, leave
floating or connect to GND
GND
8
9
8
—
Connect GND to system ground
ILIM
10
11
10
I/O
A resistor from this pin to GND sets the overload and short-circuit
current limit. See the Overload and Short Circuit Protection section
IN
1
1
1
P
Power input. Connects to the DRAIN of the internal FET
2
2
2
24
3
24
IMON
13
14
13
O
Analog current monitor output. This pin sources a scaled down ratio
of current through the internal FET. A resistor from this pin to GND
converts current to proportional voltage. If unused, leave it floating
MODE
11
12
11
I
Mode selection pin for over load fault response. See the Device
Functional Modes section
N.C
3
4
3
—
No Connect
4
5
4
15
17
15
20
—
20
21
—
21
22
—
22
23
—
23
OUT
17
18
17
P
Power output of the device
18
19
18
19
20
19
OVP
7
8
—
I
Input for setting the programmable overvoltage protection threshold
(For TPS16630 Only). An overvoltage event turns off the internal
FET and asserts FLT to indicate the overvoltage fault.
PGOOD
16
16
16
O
Active High. A high that the internal FET is enhanced. PGOOD goes
low when the internal FET is turned OFF during a fault or when
SHDN is pulled low. If PGOOD is unused then connect to GND or
leave it floating
P_IN
5
6
5
P
Supply voltage of the device. Connect P_IN to IN directly
PLIM
—
—
7
I
Input for setting the programmable output power limiting threshold
(TPS16632 Only). Connect a resistor across PLIM to GND to set the
output power limit. Connect PLIM to GND if PLIM feature is not
used. See the Output Power Limiting, PLIM (TPS16632 Only)
section.
SHDN
12
13
12
I
Shutdown pin. Pulling SHDN low makes the device to enter into low
power shutdown mode. Cycling SHDN pin voltage resets the device
that has latched off due to a fault condition
UVLO
6
7
6
I
Input for setting the programmable undervoltage lockout threshold.
An undervoltage event turns off the internal FET and asserts FLT to
indicate the power-failure.
PowerPadTM
—
Connect PowerPad to GND plane for heat sinking. Do not use
PowerPad as the only electrical connection to GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com