Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS16632 Datasheet(PDF) 17 Page - Texas Instruments

Part # TPS16632
Description  60-V, 6-A Power Limiting eFuse
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS16632 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TPS16632 Datasheet HTML 13Page - Texas Instruments TPS16632 Datasheet HTML 14Page - Texas Instruments TPS16632 Datasheet HTML 15Page - Texas Instruments TPS16632 Datasheet HTML 16Page - Texas Instruments TPS16632 Datasheet HTML 17Page - Texas Instruments TPS16632 Datasheet HTML 18Page - Texas Instruments TPS16632 Datasheet HTML 19Page - Texas Instruments TPS16632 Datasheet HTML 20Page - Texas Instruments TPS16632 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
TPS16630
31
IN
OUT
dVdT
ILIM
P_IN
RILIM
18 k
FLT
GND
SHDN
UVLO
OVP
MODE
IMON
RIMON
30 k
PGOOD
VIN: 20 V
± 50 V
ON/OFF Control
R2
43 k
R3
20.5 k
R1
887 k
COUT
22 nF
100 µF
VOUT
17
TPS1663
www.ti.com
SLVSET9A – SEPTEMBER 2018 – REVISED OCTOBER 2018
Product Folder Links: TPS1663
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
The TPS1663x is a 60-V eFuse, typically used for Hot-Swap and Power rail protection applications. It operates
from 4.5 V to 60 V with programmable current limit, overvoltage, undervoltage protections. The device aids in
controlling in-rush current and provides output power limiting for systems such as PLCs, Telecom Radios,
Industrial Printers. The device also provides robust protection for multiple faults on the system rail. The Detailed
Design Procedure section can be used to select component values for the device.
9.2 Typical Application
Figure 9. 20 V - 50 V, 1-A eFuse Protection Circuit for Telecom Radios
9.2.1 Design Requirements
Table 2 shows the Design Requirements for TPS16630.
Table 2. Design Requirements
DESIGN PARAMETER
EXAMPLE VALUE
V(IN)
Input voltage range
20 V - 50 V
V(UV)
Undervoltage lockout set point
18 V
V(OV)
Overvoltage cutoff set point
55 V
I(LIM)
Over load Current limit
1 A
COUT
Output capacitor
100 µF
I(INRUSH)
Inrush Current limit
300 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com